Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 2 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 2 Page - ams AG

  AS3900 Datasheet HTML 1Page - ams AG AS3900 Datasheet HTML 2Page - ams AG AS3900 Datasheet HTML 3Page - ams AG AS3900 Datasheet HTML 4Page - ams AG AS3900 Datasheet HTML 5Page - ams AG AS3900 Datasheet HTML 6Page - ams AG AS3900 Datasheet HTML 7Page - ams AG AS3900 Datasheet HTML 8Page - ams AG AS3900 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
2 - 59
AS3900
Data Sheet - Applications
Figure 1. Typical Application Diagram of Low Power Star Network Transceiver AS3900
Abbreviations
ACK:
Acknowledgement
PA
Power Amplifier
ACP:
Acknowledgement Plus Data
PRBS
Pseudorandom Binary Sequence
BER:
Bit Error Rate
RSSI
Received Signal Strength Indication
CRC:
Cyclic Redundancy Check
POR
Power on Reset
FSK
Frequency Shift Keying
REG
Register, MAIN Register
I/Q:
In-Phase/Quadrature
SREG
SHADOW Register
ISM
Industrial, Scientific and Medical
RTC
Real Time Clock
LNA
Low Noise Amplifier
RF
Radio Frequency
MCU
Microcontroller
RX
Receive – Receive Mode
NAK
Negative Acknowledge Character
SRD
Short Range Devices
NAR
Negative Acknowledge Return
TX
Transmit, -Transmit Mode
OOK
On Off Keying
XREF
Reference Crystal Oscillator
OTP
One Time Programmable
XTAL
Crystal Oscillator
PER
Packet Error Rate
1
2
3
4
5
6
7
21
20
19
18
16
15
17
GND
RF1_OUT
RF2_OUT
GND
RF1_IN
RF2_IN
GND
SDATAI
SCLK
SEN
SDATAO
MCU_CLK
IRQ
NC
AS3900
Antenna
C8
C7
C6
C5
+3V
27.12MHz
Y2
C3
C4
C1
C2
Y1
32.768kHz
U1
Matching
Network
C9
C10
VDD
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com