Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 14 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 14 Page - ams AG

Back Button AS3900 Datasheet HTML 10Page - ams AG AS3900 Datasheet HTML 11Page - ams AG AS3900 Datasheet HTML 12Page - ams AG AS3900 Datasheet HTML 13Page - ams AG AS3900 Datasheet HTML 14Page - ams AG AS3900 Datasheet HTML 15Page - ams AG AS3900 Datasheet HTML 16Page - ams AG AS3900 Datasheet HTML 17Page - ams AG AS3900 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
14 - 59
AS3900
Data Sheet - Detail ed Description
8 Detailed Description
The AS3900 transceiver is an integrated solution of one receiver and one transmitter capable of supporting a bidirectional communication
between one Master and up to eight Clients via the 27MHz ISM band. The AS3900 is designed to operate with a single 2.2V to 3.6V supply and
consumes less than 3.8mA in receive mode and 7.6mA in transmit mode (10dBm). The device is even functional down to a supply voltage of
2.0V and has a built in battery level detector, that level can be read via the SDI interface.
The AS3900 provides an adjustable data rate of 26.5 kbps up to 212kbps and transmits an adjustable (via external matching circuitry) output
power of maximal 10dBm. The transmission is done through a power amplifier that sends a Miller coded FSK modulated signal. A I/Q up mixer
generates the modulated RF-signal based on the carrier of 27.12MHz. The deviation of the frequency shift can be set to ±106kHz or to ±53kHz
in order to limit the allocated bandwidth in the ISM band. An integrated low pass filter cuts off additional interference frequencies.
The analog outputs of the PA can be programmed as single ended or fully differentially, which doubles the transmitter output voltage level. In
addition the output impedance of the PA can be selected between 25Ω and 12.5Ω. The output power is mainly determined by the applied output
impedance of the antenna and the matching network.
The AS3900 features a zero-IF receiver. The receiver consists of a differential low noise amplifier (LNA) that amplifies the incoming RF signal.
The actual received signal strength (RSSI) is measured and converted to a digital value that can be read via the serial data interface. Afterwards
the incoming signal is down converted (I and Q) to the base band by the mixer. The I/Q signal is filtered and fed to the demodulator.
Furthermore the receiver consists of a Wakeup LNA. The amplified wakeup signal is demodulated and correlated with the OOK-pattern. This
functionality guarantees very low power requirements ideal for battery-operated applications. The device is set to STANDBY mode and scans
periodically for the ON OFF keying signal (OOK) with the Wakeup receiver, which only consumes an average current of 2.5µA. Once detected
the AS3900 enters the normal RX mode.
A key feature of the AS3900 is the integrated Link Manager. The Link Manager controls all issues regarding the low level communication. It
manages the link parameters and the timings in order to set-up and to maintain up to 8 communication links simultaneously. The link manager
uses the integrated timers and the pseudorandom binary sequence (PRBS), to run the low level actions automatically. For reliable data
transmission a 16 bit CRC block is integrated. Furthermore the transmitted data is Miller coded. Two crystal oscillators must be connected in
order to generate the carrier of 27.12MHz and the time base for the timers (RTC), which is 32.768 kHz. The clock source for the MCU_CLK can
be converted from the 32.768 kHz real-time clock or from the 27.12MHz carrier. The 4-wire SDI (Serial Data Interface) is used for configuration
of the AS3900 and to serve the link manager. The SDI interface allows the access to the MAIN register as well as to the SHADOW register. The
data for the RF transmission is saved into the data buffer at the Clients and can be collected at the Master that is again saved in the data buffer
in the MAIN register. A simplified block diagram of the AS3900 is shown in Figure 9.
Figure 9. Block Diagram of Low Power Star Network Transceiver AS3900
PA
LNA
RSSI
Wakeup
LNA
OOK
Demodulation
Correlation
CRC
OTP
Timers
PRBS
Data Buffer
MAIN Register
SHADOW
Register
RF1OUT
RF2OUT
RF1IN
RF2IN
SEN
SCLK
SDATAO
SDATAI
IRQ
POR
POR
Battery Level
Detector
RTC
X32_IN X32_OUT
XREF
X27_IN X27_OUT
MCU_CLK
VDD_OTP VSS_OTP
VDDRF GND
VDD
GND
AS3900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com