Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 42 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 42 Page - ams AG

Back Button AS3900 Datasheet HTML 38Page - ams AG AS3900 Datasheet HTML 39Page - ams AG AS3900 Datasheet HTML 40Page - ams AG AS3900 Datasheet HTML 41Page - ams AG AS3900 Datasheet HTML 42Page - ams AG AS3900 Datasheet HTML 43Page - ams AG AS3900 Datasheet HTML 44Page - ams AG AS3900 Datasheet HTML 45Page - ams AG AS3900 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
42 - 59
AS3900
Data Sheet - Detail ed Description
0x04
fuseen
[7]
R/W
Poly-PROM fuse mode enable
0
Disabled
1
Enabled
reserved
[6]
reserved
longwake_tx
[5]
Wakeup Transmitter ON-time for Master and Client
0
ON for the time set by register waketm<1:0>
1
ON as long as value of longwake_tx is 1
wakecyc<2:0>
[4:2]
Wakeup cycle setup; Client (Master) wakeup receiver ON interval
000
every 1/16 sec (62.5 ms)
001
every 1/8 sec (125 ms)
010
every 1/4 sec (250 ms)
011
every 1/2 sec (500 ms)
100
every 1 sec (1000 ms)
101
every 2 sec (2000 ms)
110
every 4 sec (4000 ms)
111
every 8 sec (8000 ms)
waketm
[1:0]
Wakeup transmitter ON time setting Master (Client) wakeup call duration
00
1/8 sec (125 ms)
01
1/4 sec (250 ms)
10
1/2 sec (500 ms)
11
1 sec (1000 ms)
Table 38. Main Register Bank (ADDRESS 0x00 bit<0>=0)
Address
Register Name
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com