Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 29 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 29 Page - ams AG

Back Button AS3900 Datasheet HTML 25Page - ams AG AS3900 Datasheet HTML 26Page - ams AG AS3900 Datasheet HTML 27Page - ams AG AS3900 Datasheet HTML 28Page - ams AG AS3900 Datasheet HTML 29Page - ams AG AS3900 Datasheet HTML 30Page - ams AG AS3900 Datasheet HTML 31Page - ams AG AS3900 Datasheet HTML 32Page - ams AG AS3900 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
29 - 59
AS3900
Data Sheet - Detail ed Description
Table 25. Pairing Communication
Step
Master
Client
1
All Timers are disabled at the Master via the REG
0x01<7:0>. The Master starts the Wakeup procedure as
described.
When the wakeup call is finished the Master switches
automatically the FSK receiver on for 1sec. During this
listening time, the Clients transmit randomly their first data.
2
After the MCU defined delay time expires, the Client starts the first
transmission via the command TRANSMIT.
3a
Master verifies the received client ID by comparing it to its ID
list REG 0x08-0x1F. If the ID was found, the internal timing
system for this Client is updated (immediately after the ID is
received) with the cycl_time and random pointer rndpt,
received from the Client. If the CRC is correct, the ACK is
sent back to signal the Client that it has been accepted.
Interrupt dat_rtx is set and the MCU could read the data.
4a
After the data is transmitted, the Client enters the receive mode for a
dedicated time waiting for the ACK pattern. If ACK was received the
interrupt ack_rtx is generated and the transmit command is
terminated. Client goes to Standby Mode until the next wakeup cycle
event, because all timers are disabled for the pairing procedure.
3b
If the received ID is correct but CRC error occurs, no ACK
will be sent and the timer for this client is not started because
no information for cycle time and RNG-pointer is available.
3c
If the received ID can not be found in ID list REG 0x08 to
0x1F and the reception was successful (CRC is O.K.) the
interrupt wrong_id is set, but no ACK is sent to the client. The
MCU reads the ID from the id_new register REG 0x34 to
0x36. If the ID is confirmed (by MCU) then the MCU writes
the new ID via SDI to the ID list REG 0x08 to 0x1F and the
Client is accepted at the next wake up call.
3d
If the received ID is not confirmed by the MCU, no ACK is
sent to the Client even if the Client tries to connect again.
3e
If the received ID belongs to a client that has already an
activated data transmission, nothing is changed.
4bcde
If the client do not receive an ACK (within the dedicated time slot), the
transmit command is not terminated. If no ACK is received the
receiver is switched of and the interrupt rxend is generated. The Client
MCU can then repeat the TRANSMIT command after a certain delay.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com