Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 12 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 12 Page - ams AG

Back Button AS3900 Datasheet HTML 8Page - ams AG AS3900 Datasheet HTML 9Page - ams AG AS3900 Datasheet HTML 10Page - ams AG AS3900 Datasheet HTML 11Page - ams AG AS3900 Datasheet HTML 12Page - ams AG AS3900 Datasheet HTML 13Page - ams AG AS3900 Datasheet HTML 14Page - ams AG AS3900 Datasheet HTML 15Page - ams AG AS3900 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
12 - 59
AS3900
Data Sheet - Electrical Characteristics
6.1.9
Table 12. Battery Level Detector
Symbol
Parameter
Condition
Min
Typ
Max
Units
Battery Level Detector
6.1.10
Table 13. Power On Reset Generator
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power-On-Reset Generator
VDD
Operation Supply Voltage
1.9
3.6
V
VLS
Low Supply Voltage Threshold
Hysteresis = ±40mV
4 bit Register selectable
1.98
2.18
2.39
2.57
V
VDD
Operation Supply Voltage
0.0
3.6
V
VPHS
Power ON Threshold
Rising slope (0.3V/ms) of Supply Voltage
1.35
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com