Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 44 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 44 Page - ams AG

Back Button AS3900 Datasheet HTML 40Page - ams AG AS3900 Datasheet HTML 41Page - ams AG AS3900 Datasheet HTML 42Page - ams AG AS3900 Datasheet HTML 43Page - ams AG AS3900 Datasheet HTML 44Page - ams AG AS3900 Datasheet HTML 45Page - ams AG AS3900 Datasheet HTML 46Page - ams AG AS3900 Datasheet HTML 47Page - ams AG AS3900 Datasheet HTML 48Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
44 - 59
AS3900
Data Sheet - Detail ed Description
0x07
lowbatsel_tx
[7]
R/W
Select control of transmitted battery status value source for Master and Client
0
Analog value (inverted output register bat_ok)
1
Digitally faked set value (output register is lowbatval_tx)
lowbatval_tx
[6]
Value of faked battery status for Master and Client (only valid if lowbatsel_tx
= 1)
0
Battery OK
1
Battery LOW
reserved
[5:0]
reserved
0x08
id0<23:0>
[7:0]
R/W
1
st
Client ID for the Master mode / Client ID for the Client mode
0x09
0x0A
0x0B
id1<23:0>
[7:0]
R/W only
in Master
mode
2
nd
Client ID for the Master mode
0x0C
0x0D
0x0E
id2<23:0>
[7:0]
R/W only
in Master
mode
3
rd
Client ID for the Master mode
0x0F
0x10
0x11
id3<23:0>
[7:0]
R/W only
in Master
mode
4
th
Client ID for the Master mode
0x12
0x13
0x14
id4<23:0>
[7:0]
R/W only
in Master
mode
5
th
Client ID for the Master mode
0x15
0x16
0x17
id5<23:0>
[7:0]
R/W only
in Master
mode
6
th
Client ID for the Master mode
0x18
0x19
0x1A
id6<23:0>
[7:0]
R/W only
in Master
mode
7
th
Client ID for the Master mode
0x1B
0x1C
0x1D
id7<23:0>
[7:0]
R/W only
in Master
mode
8
th
Client ID for the Master mode
0x1E
0x1F
0x20
reserved
[7:4]
R/W
reserved
rssi_on
[3]
RSSI any time the receiver is active
0Disabled
1
Enabled
reserved
[2:0]
reserved
Table 38. Main Register Bank (ADDRESS 0x00 bit<0>=0)
Address
Register Name
Bit
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com