Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 5 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 5 Page - ams AG

  AS3900 Datasheet HTML 1Page - ams AG AS3900 Datasheet HTML 2Page - ams AG AS3900 Datasheet HTML 3Page - ams AG AS3900 Datasheet HTML 4Page - ams AG AS3900 Datasheet HTML 5Page - ams AG AS3900 Datasheet HTML 6Page - ams AG AS3900 Datasheet HTML 7Page - ams AG AS3900 Datasheet HTML 8Page - ams AG AS3900 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
5 - 59
AS3900
Data Sheet - Pin Assignm ent
4 Pin Assignment
Figure 2. AS3900 Pin Assignment (Top View)
4.1 Pin Description
Table 1. QFN 28 pin Package
Pin Name
Pin Number
Pin Type
Description
GND
1
S
Negative RF Supply Voltage. Ground reference point for VDDRF.
RF1OUT
2
AO
Transmitter Positive Output. Analog Push/Pull Output of Power Amplifier for
positive amplitude. Output Impedance can be programmed to 12.5
Ω or 25Ω.
Transmitter can be programmed to single ended or true-differential analog
outputs.
RF2OUT
3
AO
Transmitter Negative Output. Analog Push/Pull Output of Power Amplifier for
negative amplitude. Output Impedance can be programmed to 12.5
Ω or 25Ω.
Transmitter can be programmed to single ended or differential analog outputs.
In single ended mode RF2OUT is connected to GND.
GND
4
S
Negative RF Supply Voltage. Ground reference point for RF outputs and
inputs.
RF1IN
5
AI
Receiver Positive Input. Positive analog input of differential Low Noise
Amplifier.
RF2IN
6
AI
Receiver Negative Input. Negative analog input of differential Low Noise
Amplifier.
GND
7
S
Negative RF Supply Voltage. Ground reference point for RF outputs and
inputs.
NC
8
Not connected. Leave the pin floating.
POR
9
DO
Power On Reset output: Digital Output that indicates hardware reset of the
device.
Reset Low: VDD > 1.35V
NC
10
Not connected. Leave the pin floating.
NC
11
Not connected. Leave the pin floating.
VDD_OTP
12
S
Positive OTP Supply Voltage. 2.2V to 3.6V for operation mode. For fuse
mode apply a minimum supply voltage of 3.3V. Buffer capacitors of 10µF and
100nF are needed for fuse mode.
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
RF1OUT
RF2OUT
GND
RF1IN
RF2IN
GND
SEN
SCLK
SDATAI
NC
IRQ
MCU_CLK
SDATAO
AS3900
15
16
17
18
19
20
22
23
24
25
26
27
28
21
Exp. Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com