Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 22 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 22 Page - ams AG

Back Button AS3900 Datasheet HTML 18Page - ams AG AS3900 Datasheet HTML 19Page - ams AG AS3900 Datasheet HTML 20Page - ams AG AS3900 Datasheet HTML 21Page - ams AG AS3900 Datasheet HTML 22Page - ams AG AS3900 Datasheet HTML 23Page - ams AG AS3900 Datasheet HTML 24Page - ams AG AS3900 Datasheet HTML 25Page - ams AG AS3900 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
22 - 59
AS3900
Data Sheet - Detail ed Description
8.4.5 Read Received Data
After successfully receive of the data the interrupt line is set.
The microcontroller reads the interrupt register (with this read the IRQ line is reset).
The microcontroller reads the ADDRESS (ID) to which sensor the data belongs.
The microcontroller reads the DATALEN register.
With this read the received DATA is transferred to the SDI output register and clocked out by means of the SDI Clock (SCLK).
8.4.6 Interrupt Interface Description
If an interrupt condition is met a HIGH level is applied to the IRQ pin. The IRQ level is set to LOW level after reading the Interrupt registers.
The microcontroller than reads the interrupt register to distinguish between different interrupt sources. The interrupt sources could be enabled or
disabled by the use of the Interrupt Mask Registers. The Interrupt Mask Register defines which interrupt leads to a LOW to HIGH transition of the
IRQ line.
Figure 19. Interrupt Operation
CLEAR_TIMER_5
100101
Deactivate timing system 5
CLEAR_TIMER_6
100110
Deactivate timing system 6
CLEAR_TIMER_7
100111
Deactivate timing system 7
CLEAR_TIMER_ALL
101000
Deactivate all timing systems
Table 16. Interrupt Electrical Interface Description
Name
Signal
Signal Level
Description
IRQ
Digital Output
CMOS
Interrupt Output pin (max Load = 10pF)
Table 15. Direct Commands
Command Name
MODE Pattern (com. bits)
MODE Description
C5
C4
C3
C2
C1
C0
Enable Interrupts
REG 0x2C, 0x2D
Read Interrupts
REG0x2A, 0x2B
Interrupt
Link Manager
IRQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com