Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3900 Datasheet(PDF) 34 Page - ams AG

Part # AS3900
Description  27MHz Low Power Star Network Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3900 Datasheet(HTML) 34 Page - ams AG

Back Button AS3900 Datasheet HTML 30Page - ams AG AS3900 Datasheet HTML 31Page - ams AG AS3900 Datasheet HTML 32Page - ams AG AS3900 Datasheet HTML 33Page - ams AG AS3900 Datasheet HTML 34Page - ams AG AS3900 Datasheet HTML 35Page - ams AG AS3900 Datasheet HTML 36Page - ams AG AS3900 Datasheet HTML 37Page - ams AG AS3900 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
www.austriamicrosystems.com/RF-Transceivers/AS3900
Revision 1.00c
34 - 59
AS3900
Data Sheet - Detail ed Description
8.7.2 Scan Procedure
Another possibility to exchange or update the actual time codes (Cycle time, random pointer) of the Clients are the scan modes. A typical
application of these scan modes are Clients that are taken out of range and want to be reconnected again.
The scan modes allow the Master to listen for incoming signals by opening the receive window of the LNA for a certain time. Two scan modes
can be applied:
Scan: The LNA Receive Window is turned on for 1s. The device is in receive-mode and consumes 2.2mA supply current. The 1s scan
can be applied by the direct command SCAN.
Long scan: The LNA Receive Window is turned on as long as the longscan bit is set in REG 0x03<6>. The device is in receive-mode and
consumes 2.2mA supply current.
Figure 23. Reconnecting Client / Updating Actual Time Base
5e
no reply
If there is no successful reception, even no matching ID
could be identified, the Master does not re-synchronize the
timer and no reply will be send to the client. The
communication error cesX is increased and the guard time
is increased due to the not successful synchronization. The
guard time is defined by the bits pretm in REG 0x02<7:5>.
No reply also occurs in the retransmit mode, if the ID is not
identified as known.
6e
no reply
The Client is waiting for any reply, but after the dedicated time
(datarate x 3byte) the receive mode is terminated and the
communication error counter ces0 is increased, due to no reply.
Table 28. Communication
Step
Master
Client
RECEIVE
RECEIVE
RECEIVE
TRANSMIT
TRANSMIT
longscan set
RECEIVE
TRANSMIT
CLIENT1
TX
TX
TX
TX
CLIENT2
CLIENT8
MASTER
RX
RX
RX
RX
SCAN = 1s
dat_rtx
dat_rtx
dat_rtx
scan_end
ack_rtx
ack_rtx
ack_rtx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com