Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 47 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 47 Page - STMicroelectronics

Back Button LSM303C Datasheet HTML 43Page - STMicroelectronics LSM303C Datasheet HTML 44Page - STMicroelectronics LSM303C Datasheet HTML 45Page - STMicroelectronics LSM303C Datasheet HTML 46Page - STMicroelectronics LSM303C Datasheet HTML 47Page - STMicroelectronics LSM303C Datasheet HTML 48Page - STMicroelectronics LSM303C Datasheet HTML 49Page - STMicroelectronics LSM303C Datasheet HTML 50Page - STMicroelectronics LSM303C Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
DocID024975 Rev 2
47/53
LSM303C
Register description
53
8.35
OUT_X_L_M (28h), OUT_X_H_M(29h)
Magnetometer X-axis data output. The value of the magnetic field is expressed as two’s
complement.
8.36
OUT_Y_L_M (2Ah), OUT_Y_H_M (2Bh)
Magnetometer Y-axis data output. The value of the magnetic field is expressed as two’s
complement.
8.37
OUT_Z_L_M (2Ch), OUT_Z_H_M (2Dh)
Magnetometer Z-axis data output. The value of the magnetic field is expressed as two’s
complement.
8.38
TEMP_L_M(2Eh), TEMP_H_M (2Fh)
Temperature sensor data. The value of the temperature is expressed as two’s complement.
8.39
INT_CFG_M (30h)
Table 87. INT_CFG_M register
XIEN
YIEN
ZIEN
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device.
1(2)
2. This bit must be set to ‘1’ for the correct operation of the device.
IEA
IEL
IEN
Table 88. INT_CFG_M register description
XIEN
Enable interrupt generation on X-axis. Default value: 0
0: disable interrupt request; 1: enable interrupt request
YIEN
Enable interrupt generation on Y-axis. Default value: 0
0: disable interrupt request; 1: enable interrupt request
ZIEN
Enable interrupt generation on Z-axis. Default value: 0
0: disable interrupt request; 1: enable interrupt request
IEA
Interrupt active configuration on INT_MAG. Default value: 0
0: low; 1: high
IEL
Latch interrupt request. Default value: 0
0: interrupt request latched; 1: interrupt request not latched)
Once latched, the INT_MAG pin remains in the same state until INT_SRC_M (31h))
is read.
IEN
Interrupt enable on the INT_MAG pin. Default value: 0
0: disable; 1: enable
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com