Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 1 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 1 Page - STMicroelectronics

  LSM303C Datasheet HTML 1Page - STMicroelectronics LSM303C Datasheet HTML 2Page - STMicroelectronics LSM303C Datasheet HTML 3Page - STMicroelectronics LSM303C Datasheet HTML 4Page - STMicroelectronics LSM303C Datasheet HTML 5Page - STMicroelectronics LSM303C Datasheet HTML 6Page - STMicroelectronics LSM303C Datasheet HTML 7Page - STMicroelectronics LSM303C Datasheet HTML 8Page - STMicroelectronics LSM303C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
This is information on a product in full production.
June 2014
DocID024975 Rev 2
1/53
LSM303C
Ultra-compact high-performance eCompass module:
3D accelerometer and 3D magnetometer
Datasheet
- production data
Features
 3 magnetic field channels and 3 acceleration
channels
 ±16 gauss magnetic full scale
 ±2/±4/±8 g selectable acceleration full scale
 16-bit data output
 SPI / I2C serial interfaces
 Analog supply voltage 1.9 V to 3.6 V
 Power-down mode / low-power mode
 Programmable interrupt generators for free-
fall, motion detection and magnetic field
detection
 Embedded temperature sensor
 Embedded FIFO
 ECOPACK®, RoHS and “Green” compliant
Applications
 Tilt-compensated compasses
 Map rotation
 Position detection
 Motion-activated functions
 Free-fall detection
 Click/double-click recognition
 Pedometer
 Intelligent power saving for handheld devices
 Display orientation
 Gaming and virtual reality input devices
 Impact recognition and logging
 Vibration monitoring and compensation
Description
The LSM303C is a system-in-package featuring a
3D digital linear acceleration sensor and a 3D
digital magnetic sensor.
The LSM303C has linear acceleration full scales
of ±2 g / ±4 g / ±8 g and a magnetic field full scale
of ±16 gauss.
The LSM303C includes an I2C serial bus
interface that supports standard and fast mode
(100 kHz and 400 kHz) and an SPI serial
standard interface.
The system can be configured to generate an
interrupt signal for free-fall, motion detection and
magnetic field detection.
The magnetic and accelerometer blocks can be
enabled or put into power-down mode separately.
The LSM303C is available in a plastic land grid
array package (LGA) and is guaranteed to
operate over an extended temperature range
from -40 °C to +85 °C.
LGA-12 (2.0x2.0x1.0 mm)
Table 1. Device summary
Part number
Temperature
range [°C]
Package Packaging
LSM303C
-40 to +85
LGA-12
Tray
LSM303CTR
-40 to +85
LGA-12
Tape and
reel
www.st.com
Downloaded from
Arrow.com.


Similar Part No. - LSM303C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303AGR STMICROELECTRONICS-LSM303AGR Datasheet
1Mb / 68P
Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
November 2015 Rev 5
LSM303AGR STMICROELECTRONICS-LSM303AGR Datasheet
3Mb / 5P
SensorTile connectable sensor node: plug or solder
Rev 4 - March 2019
LSM303AGR STMICROELECTRONICS-LSM303AGR Datasheet
350Kb / 7P
SensorTile development kit
Rev 8 - March 2019
LSM303AGRTR STMICROELECTRONICS-LSM303AGRTR Datasheet
1Mb / 68P
Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
November 2015 Rev 5
LSM303AH STMICROELECTRONICS-LSM303AH Datasheet
1Mb / 82P
Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
28-Nov-2018
More results

Similar Description - LSM303C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LSM303DLHC STMICROELECTRONICS-LSM303DLHC Datasheet
579Kb / 43P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM303DLHCTR STMICROELECTRONICS-LSM303DLHCTR Datasheet
619Kb / 42P
Ultra compact high performance e-compass 3D accelerometer and 3D magnetometer module
21-Apr-2011
LSM9DS0 STMICROELECTRONICS-LSM9DS0 Datasheet
1Mb / 74P
iNEMO inertial module 3D accelerometer, 3D gyroscope, 3D magnetometer
05-Aug-2013
ASM330LXH STMICROELECTRONICS-ASM330LXH Datasheet
1Mb / 56P
Automotive inertial module: 3D accelerometer and 3D gyroscope
23-Oct-2015
LSM303AGR STMICROELECTRONICS-LSM303AGR Datasheet
1Mb / 68P
Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
November 2015 Rev 5
LSM9DS1 STMICROELECTRONICS-LSM9DS1 Datasheet
1Mb / 72P
iNEMO inertial module: 3D accelerometer, 3D gyroscope, 3D magnetometer
12-Mar-2015
ISM303DAC STMICROELECTRONICS-ISM303DAC Datasheet
1Mb / 80P
High-performance, low-power, compact 3D accelerometer and 3D magnetometer module
31-Oct-2017
logo
Melexis Microelectronic...
MLX90392 MELEXIS-MLX90392 Datasheet
2Mb / 40P
3D Magnetometer
logo
STMicroelectronics
LSM303AH STMICROELECTRONICS-LSM303AH Datasheet
1Mb / 82P
Ultra-compact high-performance eCompass module: ultra-low-power 3D accelerometer and 3D magnetometer
28-Nov-2018
logo
List of Unclassifed Man...
IST8310 ETC-IST8310 Datasheet
251Kb / 9P
3D Magnetometer
Version 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com