Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 21 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 21 Page - STMicroelectronics

Back Button LSM303C Datasheet HTML 17Page - STMicroelectronics LSM303C Datasheet HTML 18Page - STMicroelectronics LSM303C Datasheet HTML 19Page - STMicroelectronics LSM303C Datasheet HTML 20Page - STMicroelectronics LSM303C Datasheet HTML 21Page - STMicroelectronics LSM303C Datasheet HTML 22Page - STMicroelectronics LSM303C Datasheet HTML 23Page - STMicroelectronics LSM303C Datasheet HTML 24Page - STMicroelectronics LSM303C Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
DocID024975 Rev 2
21/53
LSM303C
Functionality
53
Figure 7. FIFO multiple read
4.3
Activity/Inactivity function
The Activity/Inactivity recognition function allows reducing the power consumption of the
accelerometer block in order to supply other smart applications.
When the Activity/Inactivity recognition function is activated, accelerometer is able to
automatically go to 10 Hz sampling rate and to wake up as soon as the interrupt event has
been detected, increasing the output data rate and bandwidth.
With this feature the system may be efficiently switched from/to low-power mode to full
performance depending on user-selectable positioning and acceleration events, thus
ensuring power saving and flexibility.
The Activity/Inactivity recognition function is activated by writing the desired threshold in the
ACT_THS_A register. The high-pass filter is automatically enabled.
Table 9. Activity/Inactivity function control registers
When the acceleration becomes smaller than the threshold for at least (8 ACT_DUR
+1)/ODR time, the CTRL_REG1_A (ODR [2:0]) bits of CTRL_REG1_A are bypassed
(Inactivity) and internally set to 10 Hz (ODR [2:0] = 001), but the content of the
CTRL_REG1_A (ODR [2:0]) bits are left untouched.
When the acceleration becomes bigger than the threshold (ACT_THS_A), CTRL_REG1_A
is restored immediately (Activity).
Once the Activity/Inactivity detection function is enabled, it will be applied to the INT_XL pin
by setting the CTRL_REG3_A (INT_XL_INACT) bit to ‘1’.
To disable the Activity/Inactivity detection function, set the content of ACT_THS_A register
to 00h.
4.4
Factory calibration
The IC interface is factory calibrated for sensitivity (LA_So, M_GN), Zero-g level (LA_TyOff)
and Zero-gauss level (M_TyOff).
The trim values are stored inside the device in non-volatile memory. Anytime the device is
turned on, the trim parameters are downloaded into the registers to be used during active
operation. This allows using the device without further calibration.
x,y,z
OUT_Z_A
Read #1
(2C-2D)
(2A-2B)
OUT_Y_A
(28-29)
OUT_X_A
x,y,z
Read #n
OUT_Z_A
(2C-2D)
(2A-2B)
OUT_Y_A
(28-29)
OUT_X_A
Register
LSB value
ACT_THS_A
Full Scale / 128 [mg]
ACT_DUR_A
8/ODR [s]
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com