Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 37 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 37 Page - STMicroelectronics

Back Button LSM303C Datasheet HTML 33Page - STMicroelectronics LSM303C Datasheet HTML 34Page - STMicroelectronics LSM303C Datasheet HTML 35Page - STMicroelectronics LSM303C Datasheet HTML 36Page - STMicroelectronics LSM303C Datasheet HTML 37Page - STMicroelectronics LSM303C Datasheet HTML 38Page - STMicroelectronics LSM303C Datasheet HTML 39Page - STMicroelectronics LSM303C Datasheet HTML 40Page - STMicroelectronics LSM303C Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
DocID024975 Rev 2
37/53
LSM303C
Register description
53
8.9
CTRL_REG6_A (25h)
Accelerometer control register 6 (r/w)
8.10
CTRL_REG7_A (26h)
Accelerometer control register 7 (r/w)
Table 38. CTRL_REG7_A register
8.11
STATUS_REG_A (27h)
Accelerometer status register (r/w)
Table 40. STATUS_REG_A register
Table 36. CTRL_REG6_A register
BOOT
-------
Table 37. CTRL_REG6_A register description
BOOT
Force reboot, cleared as soon as the reboot is finished. Active high.
Default value 0.
-
-
DCRM2
DCRM1
LIR2
LIR1
4D_IG2
4D_IG1
Table 39. CTRL_REG7_A register description
DCRM [2:1]
DCRM is used to select the reset mode of the duration counter. Default value 0.
If DCRM = ‘0’, the counter is reset when the interrupt is no longer active, else if
DCRM = ‘1’, the duration counter is decremented. 1 LSB
LIR [2:1]
Latched Interrupt [2:1] Default value:0
(0: interrupt request not latched; 1: interrupt request latched)
Cleared by reading IG_SRC[2:1]_A register
4D_IG [2:1]
Interrupt [2:1] 4D option enabled. Default value 0.
When set, interrupt generator [2:1] uses 4D for position recognition.
ZYXOR
ZOR
YOR
XOR
ZYXDA
ZDA
YDA
XDA
Table 41. STATUS_REG_A register description
ZYXOR X, Y and Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new set of data has overwritten the previous data)
ZOR
Z-axis data overrun. Default value: 0
(0: no overrun has occurred; 1: a new set of data for the Z-axis has overwritten the previ-
ous data)
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com