Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 20 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 20 Page - STMicroelectronics

Back Button LSM303C Datasheet HTML 16Page - STMicroelectronics LSM303C Datasheet HTML 17Page - STMicroelectronics LSM303C Datasheet HTML 18Page - STMicroelectronics LSM303C Datasheet HTML 19Page - STMicroelectronics LSM303C Datasheet HTML 20Page - STMicroelectronics LSM303C Datasheet HTML 21Page - STMicroelectronics LSM303C Datasheet HTML 22Page - STMicroelectronics LSM303C Datasheet HTML 23Page - STMicroelectronics LSM303C Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
Functionality
LSM303C
20/53
DocID024975 Rev 2
A watermark interrupt CTRL_REG3_A (INT_XL_FTH) can be enabled in order to read data
from the FIFO and leave a free memory slot for incoming data. Setting the FIFO_CTRL
(FTH [4:0]) to an N value, the number of X, Y and Z data samples that should be read at the
rise of the watermark interrupt, in order to read the entire content of the FIFO, is N + 1.
4.2.4
Stream-to-FIFO mode
In Stream-to-FIFO mode (FIFO_CTRL(FMODE2:0) = 011), FIFO behavior changes
according to the IG_SRC1_A (IA) bit. When the IG_SRC1_A(IA) bit is equal to '1', FIFO
operates in FIFO mode, when the IG_SRC1_A (IA) bit is equal to '0', FIFO operates in
Stream mode.
The interrupt generator 1 should be set to the desired configuration by means of
IG_CFG1_A, IG_THS_X1_A, IG_THS_Y1_A and IG_THS_Z1_A.
The CTRL_REG7_A (LIR1) bit should be set to '1' in order to have latched interrupt.
4.2.5
Bypass-to-Stream mode
In Bypass-to-Stream mode (FIFO_CTRL (FMODE [2:0]) = '100'), X, Y and Z measurement
storage inside FIFO operates in Stream mode when the IG_SRC1_A (IA) is equal to '1',
otherwise FIFO content is reset (Bypass mode).
The interrupt generator 1 should be set to the desired configuration by means of
IG_CFG1_A, IG_THS_X1_A, IG_THS_Y1_A and IG_THS_Z1_A.
The CTRL_REG7_A (LIR1) bit should be set to '1' in order to have latched interrupt.
4.2.6
Bypass-to-FIFO mode
In Bypass-to-FIFO mode (FIFO_CTRL (FMODE [2:0]) = '111', FIFO behavior changes
according to the IG_SRC1_A(IA) bit. When the IG_SRC1_A(IA) bit is equal to '1,' FIFO
operates in FIFO mode. When the IG_SRC1_A(IA) bit is equal to '0', FIFO operates in
Bypass mode (FIFO content reset). If a latched interrupt is generated, FIFO starts collecting
data until the first data into the FIFO buffer is overwritten. The interrupt generator 1 should
be set to the desired configuration by means of IG_CFG1_A, IG_THS_X1_A,
IG_THS_Y1_A and IG_THS_Z1_A.
The CTRL_REG7_A (LIR1) bit should be set to '1' in order to have latched interrupt.
4.2.7
Retrieving data from FIFO
FIFO data is read from the OUT_X_A, OUT_Y_A and OUT_Z_A registers. A read operation
using a serial interface of the OUT_X_A, OUT_Y_A or OUT_Z_A output registers provides
the data stored in the FIFO. Each time data is read from the FIFO, the oldest X, Y and Z
data are placed in the OUT_X_A, OUT_Y_A and OUT_Z_A registers and both single read
and read_burst operations can be used.
4.2.8
FIFO multiple read (burst)
Starting from Addr 28h multiple reads can be performed. Once the read reaches Addr 2Dh
the system automatically restarts from Addr 28h.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com