Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 39 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 39 Page - STMicroelectronics

Back Button LSM303C Datasheet HTML 35Page - STMicroelectronics LSM303C Datasheet HTML 36Page - STMicroelectronics LSM303C Datasheet HTML 37Page - STMicroelectronics LSM303C Datasheet HTML 38Page - STMicroelectronics LSM303C Datasheet HTML 39Page - STMicroelectronics LSM303C Datasheet HTML 40Page - STMicroelectronics LSM303C Datasheet HTML 41Page - STMicroelectronics LSM303C Datasheet HTML 42Page - STMicroelectronics LSM303C Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
DocID024975 Rev 2
39/53
LSM303C
Register description
53
8.15
FIFO_CTRL (2Eh)
FIFO control register (r/w)
Table 48. FIFO_CTRL register
The FIFO trigger is the interrupt generator 1 event, all related information is available in
Section 8.18: IG_SRC1_A (31h).
8.16
FIFO_SRC (2Fh)
FIFO status control register (r)
Table 51. FIFO_SRC register
Table 52. FIFO_SRC register description
FMODE2
FMODE1
FMODE0
FTH4
FTH3
FTH2
FTH1
FTH0
Table 49. FIFO_CTRL register description
FMODE [2:0]
FIFO mode selection bits. Default 000. For further details refer toTable 50
FTH [4:0]
FIFO threshold. Default: 00000. It is the FIFO depth if the STOP_FTH bit in the
CTRL3 (22h) register is set to ‘1’.
Table 50. FIFO mode selection
FMODE2
FMODE1
FMODE0
Mode
0
0
0
Bypass mode. FIFO turned off
0
0
1
FIFO mode. Stops collecting data when FIFO is full.
0
1
0
Stream mode. If the FIFO is full, the new sample overwrites
the older one
0
1
1
Stream mode until trigger is deasserted, then FIFO mode
1
0
0
Bypass mode until trigger is deasserted, then Stream mode
1
0
1
Not used
1
1
0
Not used
1
1
1
Bypass mode until trigger is deasserted, then FIFO mode
FTH
OVR
EMPTY
FSS4
FSS3
FSS2
FSS1
FSS0
FTH
FIFO threshold status.
0: FIFO filling is lower than FTH level; 1: FIFO filling is equal or higher than
threshold level
OVR
Overrun bit status. 0: FIFO is not completely filled; 1: FIFO is completely filled
EMPTY
FIFO empty bit.
0: FIFO not empty; 1: FIFO empty)
FSS [4:0]
FIFO stored data level
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com