Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 43 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 43 Page - STMicroelectronics

Back Button LSM303C Datasheet HTML 39Page - STMicroelectronics LSM303C Datasheet HTML 40Page - STMicroelectronics LSM303C Datasheet HTML 41Page - STMicroelectronics LSM303C Datasheet HTML 42Page - STMicroelectronics LSM303C Datasheet HTML 43Page - STMicroelectronics LSM303C Datasheet HTML 44Page - STMicroelectronics LSM303C Datasheet HTML 45Page - STMicroelectronics LSM303C Datasheet HTML 46Page - STMicroelectronics LSM303C Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
DocID024975 Rev 2
43/53
LSM303C
Register description
53
8.25
XL_REFERENCE (3Ah), XH_REFERENCE (3Bh)
In normal mode (HPM [1:0] = ‘00’ or ‘10’) when one of these registers (XL_REFERENCE or
XH_REFERENCE) is read, the X output of the hp filter is set to ‘0’. In reference mode (HPM
[1:0] =”01”) the reference value is subtracted from the X output of the hp filter.
8.26
YL_REFERENCE (3Ch), YH_REFERENCE (3Dh)
See above comment for X Reference (r/w).
8.27
ZL_REFERENCE (3Eh), ZH_REFERENCE (3Fh)
See above comment for X Reference (r/w).
8.28
WHO_AM_I_M (0Fh)
Device identification register.
8.29
CTRL_REG1_M (20h)
Table 72. X and Y axes operative mode selection
Table 69. WHO_AM_I_M register
00111101
Table 70. CTRL_REG1_M register
TEMP_EN
OM1
OM0
DO2
DO1
DO0
0(1)
1. This bit must be set to ‘0’ for the correct operation of the device
ST
Table 71. CTRL_REG1_M register description
TEMP_EN
Temperature sensor enable. Default value: 0
(0: temperature sensor disabled; 1: temperature sensor enabled)
OM[1:0]
X and Y axes operative mode selection. Default value: 00
(Refer to Table 72)
DO[2:0]
Output data rate selection. Default value: 100
(Refer to Table 73)
ST
Self-test enable. Default value: 0
(0: self-test disabled; 1: self-test enabled)
OM1
OM0
Operative mode for X and Y axes
0
0
Low-power mode
0
1
Medium-performance mode
1
0
High-performance mode
1
1
Ultra-high performance mode
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com