Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 35 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 35 Page - STMicroelectronics

Back Button LSM303C Datasheet HTML 31Page - STMicroelectronics LSM303C Datasheet HTML 32Page - STMicroelectronics LSM303C Datasheet HTML 33Page - STMicroelectronics LSM303C Datasheet HTML 34Page - STMicroelectronics LSM303C Datasheet HTML 35Page - STMicroelectronics LSM303C Datasheet HTML 36Page - STMicroelectronics LSM303C Datasheet HTML 37Page - STMicroelectronics LSM303C Datasheet HTML 38Page - STMicroelectronics LSM303C Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 53 page
background image
DocID024975 Rev 2
35/53
LSM303C
Register description
53
8.6
CTRL_REG3_A (22h)
Accelerometer control register 3 (r/w). INT_XL control register
Table 29. CTRL_REG3_A register
Table 30. CTRL_REG3_A register description
8.7
CTRL_REG4_A (23h)
Accelerometer control register 4 (r/w)
Table 31. CTRL_REG4_A register
FDS
High-pass filtered data selection. Default value: 0
(0: internal filter bypassed; 1: data from internal filter sent to output register and FIFO)
HPIS [2:1]
High Pass filter enabled for interrupt generator function on Interrupt 2 and Interrupt 1
(0: filter bypassed; 1: filter enabled)
FIFO_EN STOP_FTH
INT_XL
_INACT
INT_XL
_IG2
INT_XL
_IG1
INT_XL
_OVR
INT_XL
_FTH
INT_XL
_DRDY
FIFO_EN
FIFO enable. Default value 0. (0: disable; 1: enable)
STOP_FTH
Enable FIFO threshold level use. Default value 0. (0: disable; 1: enable)
INT_XL_INACT
Inactivity interrupt on INT_XL. Default value 0. (0: disable; 1: enable)
INT_XL_IG2
Interrupt generator 2 on INT_XL. Default value 0. (0: disable; 1: enable)
INT_XL_IG1
Interrupt generator 1 on INT_XL. Default value 0. (0: disable; 1: enable)
INT_XL_OVR
FIFO overrun signal on INT_XL
INT_XL_FTH
FIFO threshold signal on INT_XL
INT_XL_DRDY
Data ready signal on INT_XL
BW2
BW1
FS1
FS0
BW_SCALE_ODR
IF_ADD_INC I2C_DISABLE
SIM
Table 32. CTRL_REG4_A register description
BW [2:1]
Anti aliasing filter bandwidth. Default value: 00
(00: 400 Hz; 01: 200 Hz; 10: 100 Hz; 11: 50 Hz)
FS [1:0]
Full-scale selection. Default value: 00
(00: ±2 g; 01: not available; 10: ±4 g; 11: ±8 g)
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com