Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 31 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 31 Page - STMicroelectronics

Back Button LSM303C Datasheet HTML 27Page - STMicroelectronics LSM303C Datasheet HTML 28Page - STMicroelectronics LSM303C Datasheet HTML 29Page - STMicroelectronics LSM303C Datasheet HTML 30Page - STMicroelectronics LSM303C Datasheet HTML 31Page - STMicroelectronics LSM303C Datasheet HTML 32Page - STMicroelectronics LSM303C Datasheet HTML 33Page - STMicroelectronics LSM303C Datasheet HTML 34Page - STMicroelectronics LSM303C Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 53 page
background image
DocID024975 Rev 2
31/53
LSM303C
Register mapping
53
Table 19. Magnetic sensor register address map:
IG_DUR1_A
r/w
35
00110101
00000000
Accelerometer interrupt generator 1
duration
IG_CFG2_A
r/w
36
00110110
00000000
Accelerometer interrupt generator 2
configuration
IG_SRC2_A
r
37
00110111
output
Accelerometer interrupt generator 2
status register
IG_THS2_A
r/w
38
00111000
00000000
Accelerometer interrupt generator 2
threshold
IG_DUR2_A
r/w
39
00111001
00000000
Accelerometer interrupt generator 2
duration
XL_REFERENCE
r/w
3A
00111010
00000000
Reference X low
XH_REFERENCE
r/w
3B
00111011
00000000
Reference X high
YL_REFERENCE
r/w
3C
00111100
00000000
Reference Y low
YH_REFERENCE
r/w
3D
00111101
00000000
Reference Y high
ZL_REFERENCE
r/w
3E
00111110
00000000
Reference Z low
ZH_REFERENCE
r/w
3F
00111111
00000000
Reference Z high
Name
Type
Register address
Default
Comment
Hex
Binary
Reserved
00 - 0E
--
--
Reserved
WHO_AM_I_M
r
0F
0000 1111
00111101
Magnetic Who I am ID
Reserved
10 - 1F
--
--
Reserved
CTRL_REG1_M
r/w
20
0010 0000
00010000
Magnetic control registers
CTRL_REG2_M
r/w
21
0010 0001
00000000
CTRL_REG3_M
r/w
22
0010 0010
00000011
CTRL_REG4_M
r/w
23
0010 0011
00000000
CTRL_REG5_M
r/w
24
0010 0100
00000000
Reserved
25 - 26
--
--
Reserved
STATUS_REG_M
r
27
0010 0111
Output
OUT_X_L_M
r
28
0010 1000
Output
Magnetic output registers
OUT_X_H_M
r
29
0010 1001
Output
OUT_Y_L_M
r
2A
0010 1010
Output
OUT_Y_H_M
r
2B
0010 1011
Output
OUT_Z_L_M
r
2C
0010 1100
Output
OUT_Z_H_M
r
2D
0010 1101
Output
Name
Type
Register address
Default
Comment
Hex
Binary
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com