Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 26 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 26 Page - STMicroelectronics

Back Button LSM303C Datasheet HTML 22Page - STMicroelectronics LSM303C Datasheet HTML 23Page - STMicroelectronics LSM303C Datasheet HTML 24Page - STMicroelectronics LSM303C Datasheet HTML 25Page - STMicroelectronics LSM303C Datasheet HTML 26Page - STMicroelectronics LSM303C Datasheet HTML 27Page - STMicroelectronics LSM303C Datasheet HTML 28Page - STMicroelectronics LSM303C Datasheet HTML 29Page - STMicroelectronics LSM303C Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
Digital interfaces
LSM303C
26/53
DocID024975 Rev 2
(MSb) first. If a receiver can’t receive another complete byte of data until it has performed
some other function, it can hold the clock line SCL LOW to force the transmitter into a wait
state. Data transfer only continues when the receiver is ready for another byte and releases
the data line. If a slave receiver doesn’t acknowledge the slave address (i.e. it is not able to
receive because it is performing some real-time function) the data line must be left HIGH by
the slave. The master can then abort the transfer. A LOW-to-HIGH transition on the SDA
line while the SCL line is HIGH is defined as a STOP condition. Each data transfer must be
terminated by the generation of a STOP (SP) condition.
In the presented communication format MAK is Master acknowledge and NMAK is No
Master Acknowledge.
Default Address:
The accelerometer sensor slave address is 0011101b while magnetic sensor slave address
is 0011110b.
The slave addresses are completed with a Read/Write bit. If the bit was ‘1’ (Read), a
repeated START (SR) condition must be issued after the two sub-address bytes. If the bit is
‘0’ (Write) the master will transmit to the slave with direction unchanged. Table 16 and
Table 17 explain how the SAD+Read/Write bit pattern are composed, listing all the possible
configurations.
Linear acceleration sensor: the default (factory setting) 7-bit slave address is
0011101b.
Table 16. SAD + Read/Write patterns
Magnetic field sensor: the default (factory setting) 7-bit slave address is 0011110b.
Table 17. SAD + Read/Write patterns
6.2
SPI bus interface
The LSM303C SPI is a bus slave. The SPI allows writing and reading the registers of the
device.
The serial interface interacts with the outside world with 3 wires: CS_XL, CS_MAG, SPC,
SDI.
3-wire mode is entered by setting the CTRL_REG4_A (SIM) and CTRL_REG3_M (SIM) bit
equal to ‘1’ (SPI serial interface mode selection).
Command
SAD[6:0]
R/W
SAD + R/W
Read
0011101
1
00111011 (3Bh)
Write
0011101
0
00111010 (3Ah)
Command
SAD[6:0]
R/W
SAD + R/W
Read
001110
1
00111101 (3Dh)
Write
001110
0
00111100 (3Ch)
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com