Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 13 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LSM303C Datasheet HTML 9Page - STMicroelectronics LSM303C Datasheet HTML 10Page - STMicroelectronics LSM303C Datasheet HTML 11Page - STMicroelectronics LSM303C Datasheet HTML 12Page - STMicroelectronics LSM303C Datasheet HTML 13Page - STMicroelectronics LSM303C Datasheet HTML 14Page - STMicroelectronics LSM303C Datasheet HTML 15Page - STMicroelectronics LSM303C Datasheet HTML 16Page - STMicroelectronics LSM303C Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
DocID024975 Rev 2
13/53
LSM303C
Module specifications
53
2.3.1
Recommended power-up sequence
For the power-up sequence please refer to the following figure, where:
Trise is the time for the power supply to rise from 10% to 90% of its final value
Twait is the time delay between the end of the Vdd_IO ramp (90% of its final value) and
the start of the Vdd ramp
Figure 3. Recommended power-up sequence
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com