Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 19 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LSM303C Datasheet HTML 15Page - STMicroelectronics LSM303C Datasheet HTML 16Page - STMicroelectronics LSM303C Datasheet HTML 17Page - STMicroelectronics LSM303C Datasheet HTML 18Page - STMicroelectronics LSM303C Datasheet HTML 19Page - STMicroelectronics LSM303C Datasheet HTML 20Page - STMicroelectronics LSM303C Datasheet HTML 21Page - STMicroelectronics LSM303C Datasheet HTML 22Page - STMicroelectronics LSM303C Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
DocID024975 Rev 2
19/53
LSM303C
Functionality
53
4.2.2
FIFO mode
In FIFO mode (FIFO_CTRL (FMODE [2:0]) = 001) data from the X, Y and Z channels are
stored in the FIFO until it is full. An overrun interrupt can be enabled, CTRL_REG3_A
(INT_XL_OVR) = '1', in order to be raised when the FIFO stops collecting data. When the
overrun interrupt occurs, the first set of data has been overwritten and the FIFO stops
collecting data from the input channels. To reset the FIFO content, Bypass mode should be
written in FIFO_CTRL (FMODE [2:0]) as '000'. After this reset command it is possible to
restart FIFO mode by writing '001' to FIFO_CTRL (FMODE [2:0]).
The FIFO buffer can memorize 32 levels of X, Y and Z data, but the depth of the FIFO can
be reduced by means of the CTRL_REG3_A (STOP_ FTH) bit. Setting the STOP_FTH bit
to '1', the FIFO depth is limited to FIFO_CTRL (FTH [4:0]) - 1.
4.2.3
Stream mode
Stream mode (FIFO_CTRL (FMODE [2:0]) = 010) provides a continuous FIFO update. As
new data arrives the older data is discarded.
An overrun interrupt can be enabled, CTRL_REG3_A (INT_XL_OVR) = '1', in order to read
the entire content of the FIFO at once. If in the application no data can be lost and it is not
possible to read at least one sample for each axis within one ODR period, a watermark
interrupt can be enabled in order to read partially the FIFO and leave free memory slots for
incoming data. Setting the FIFO_CTRL (FTH [4:0]) to an N value, the number of X, Y and Z
data samples that should be read at the rise of the watermark interrupt is up to (N+1).
In the latter case, reading all FIFO content before an overrun interrupt has occurred, the first
data read is equal to the last data already read in the previous burst, so the number of new
data available in FIFO depends on the previous reading (see FIFO_SRC behavior depicted
in the following figure).
Figure 6. Stream mode
Stream mode is intended to be used to read all 32 samples of FIFO within an ODR after
receiving an overrun signal.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com