Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 36 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 36 Page - STMicroelectronics

Back Button LSM303C Datasheet HTML 32Page - STMicroelectronics LSM303C Datasheet HTML 33Page - STMicroelectronics LSM303C Datasheet HTML 34Page - STMicroelectronics LSM303C Datasheet HTML 35Page - STMicroelectronics LSM303C Datasheet HTML 36Page - STMicroelectronics LSM303C Datasheet HTML 37Page - STMicroelectronics LSM303C Datasheet HTML 38Page - STMicroelectronics LSM303C Datasheet HTML 39Page - STMicroelectronics LSM303C Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
Register description
LSM303C
36/53
DocID024975 Rev 2
8.8
CTRL_REG5_A (24h)
Control register 5 (r/w)
Table 33. CTRL_REG5_A register
BW_SCALE
_ODR
if '0' bandwidth is automatically selected according
BW = 400 Hz when ODR = 800 Hz, 50 Hz, 10 Hz;
BW = 200 Hz when ODR = 400 Hz;
BW = 100 Hz when ODR = 200 Hz;
BW = 50 Hz when ODR = 100 Hz;
if '1' bandwidth is selected according to BW [2:1]
excluding ODR = 50 Hz, 10 Hz, BW = 400 Hz
IF_ADD_INC
Register address automatically incremented during a multiple byte access with a
serial interface (I2C or SPI). (0: disable; 1: enable)
I2C_DISABLE
Disable I2C interface. Default value 0. (0: I2C enable; 1: I2C disable)
SIM
SPI Serial Interface Mode selection. Default value: 0
0 = SPI write-only operations enabled; 1 = SPI read and write operations enabled
Table 32. CTRL_REG4_A register description
DEBUG
SOFT_RESET
DEC1
DEC0
ST2
ST1
H_LACTIVE
PP_OD
Table 34. CTRL_REG5_A register description
DEBUG
Debug stepping action selected. Default value: 0 (0: disable; 1: enable)
SOFT_RESET
Soft reset, it acts as POR when 1, then goes to 0
DEC [1:0]
Decimation of acceleration data on OUT REG and FIFO
00: no decimation
01: update every 2 samples
10: update every 4 samples
11: update every 8 samples
ST [2:1]
Self-test enable. Default value: 00
(00: self-test disabled; Other: see Table 35)
H_LACTIVE
Interrupt active high, low. Default value: 0
(0: active high; 1: active low)
PP_OD
Push-pull/open-drain selection on interrupt pad. Default value: 0
(0: push-pull; 1: open drain)
Table 35. Self-test mode selection
ST2
ST1
Self-test mode
0
0
Normal mode
0
1
Positive sign self-test
1
0
Negative sign self-test
1
1
Not allowed
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com