Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 33 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 33 Page - STMicroelectronics

Back Button LSM303C Datasheet HTML 29Page - STMicroelectronics LSM303C Datasheet HTML 30Page - STMicroelectronics LSM303C Datasheet HTML 31Page - STMicroelectronics LSM303C Datasheet HTML 32Page - STMicroelectronics LSM303C Datasheet HTML 33Page - STMicroelectronics LSM303C Datasheet HTML 34Page - STMicroelectronics LSM303C Datasheet HTML 35Page - STMicroelectronics LSM303C Datasheet HTML 36Page - STMicroelectronics LSM303C Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
DocID024975 Rev 2
33/53
LSM303C
Register description
53
8
Register description
8.1
WHO_AM_I_A (0Fh)
Accelerometer Who_AM_I register (r). This register is a read-only register. Its default value
is 41h.
8.2
ACT_THS_A (1Eh)
Activity threshold register (r/w). Its default value is 0x00. Inactivity threshold.
8.3
ACT_DUR_A (1Fh)
Activity duration register (r/w). Its default value is 0x00. Activity duration.
8.4
CTRL_REG1_A (20h)
Accelerometer control register 1 (r/w)
Table 23. CTRL_REG1_A register
Table 24. CTRL_REG1_A register description
Table 20. WHO_AM_I_A register default value
01000001
Table 21. ACT_THS_A register
-
THS6
THS5
THS4
THS3
THS2
THS1
THS0
Table 22. ACT_DUR_A register
DUR7
DUR6
DUR5
DUR4
DUR3
DUR2
DUR1
DUR0
HR
ODR2
ODR1
ODR0
BDU
ZEN
YEN
XEN
HR
High-resolution bit. Default value: 0
0: normal mode, 1: high resolution (see Table 26)
ODR [2:0]
Output data rate & power mode selection. Default value: 000 (see Table 25)
BDU
Block Data Update. Default value:0
0: continuous update,1:output registers not updated until MSB and LSB read)
ZEN
Z-axis enable. Default value: 1 (0: Z-axis disabled; 1: Z-axis enabled)
YEN
Y-axis enable. Default value: 1 (0: Y-axis disabled; 1: Y-axis enabled)
XEN
X-axis enable. Default value: 1 (0: X-axis disabled; 1: X-axis enabled)
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com