Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 12 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LSM303C Datasheet HTML 8Page - STMicroelectronics LSM303C Datasheet HTML 9Page - STMicroelectronics LSM303C Datasheet HTML 10Page - STMicroelectronics LSM303C Datasheet HTML 11Page - STMicroelectronics LSM303C Datasheet HTML 12Page - STMicroelectronics LSM303C Datasheet HTML 13Page - STMicroelectronics LSM303C Datasheet HTML 14Page - STMicroelectronics LSM303C Datasheet HTML 15Page - STMicroelectronics LSM303C Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
Module specifications
LSM303C
12/53
DocID024975 Rev 2
2.2
Temperature sensor characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted(b).
2.3
Electrical characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted.(b)
b. The product is factory calibrated at 2.5 V.The operational power supply range is from 1.9 V to 3.6 V.
Table 4. Temperature sensor characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
TSDr
Temperature sensor output change vs. temp.
8
digit/°C
TODR
Temperature refresh rate(2)
ODR
Hz
Top
Operating temperature range
-40
+85
°C
1. Typical specifications are not guaranteed.
2. If the TEMP_EN bit in CTRL_REG1_M (20h) is set to ’1’, temperature data is acquired at each conversion cycle. Refer to
Table 73: Output data rate configuration
Table 5. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
Vdd
Supply voltage
1.9
3.6
V
Vdd_IO
Module power supply for I/O
1.71
1.8
Vdd+0.1
V
LA_Idd_NM
Linear acceleration current
consumption in active mode.
Magnetic sensor in power-down
mode.
ODR = 100 - 800 Hz
180
μA
ODR = 50 Hz
120
ODR =10 Hz
50
M_Idd_HR
Magnetic current consumption in
ultra-high resolution mode
Linear acceleration in power-down
mode.
ODR = 20 Hz
270
μA
M_Idd_LP
Magnetic current consumption in
low-power mode
Linear acceleration in power-down
mode.
ODR = 20 Hz
40
μA
Idd_PD
Current consumption in power-down
6
μA
TOP
Operating temperature range
-40
+85
°C
Trise
Time for power supply rising(2)
0.01
100
ms
Twait
Time delay between Vdd_IO and
Vdd(2)
010
ms
1. Typical specifications are not guaranteed.
2. Please refer to Section 2.3.1: Recommended power-up sequence for more details.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com