Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 30 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LSM303C Datasheet HTML 26Page - STMicroelectronics LSM303C Datasheet HTML 27Page - STMicroelectronics LSM303C Datasheet HTML 28Page - STMicroelectronics LSM303C Datasheet HTML 29Page - STMicroelectronics LSM303C Datasheet HTML 30Page - STMicroelectronics LSM303C Datasheet HTML 31Page - STMicroelectronics LSM303C Datasheet HTML 32Page - STMicroelectronics LSM303C Datasheet HTML 33Page - STMicroelectronics LSM303C Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
Register mapping
LSM303C
30/53
DocID024975 Rev 2
7
Register mapping
The table given below provides a listing of the 8/16 bit registers embedded in the
accelerometer and the corresponding address.
Table 18. Accelerometer register address map
Name
Type
Register address
Default
Comment
Hex
Binary
RESERVED
r
00-0E
-
Reserved
WHO_AM_I_A
r
OF
00001111
01000001
Accelerometer Who I am ID
ACT_THS_A
r/w
1E
00011110
00000000
ACT_DUR_A
r/w
1F
00011111
00000000
CTRL_REG1_A
r/w
20
00100000
00000111
Accelerometer control registers
CTRL_REG2_A
r/w
21
00100001
00000000
CTRL_REG3_A
r/w
22
00100010
00000000
CTRL_REG4_A
r/w
23
00100011
00000100
CTRL_REG5_A
r/w
24
00100100
00000000
CTRL_REG6_A
r/w
25
00100101
00000000
CTRL_REG7_A
r/w
26
00100110
00000000
STATUS_REG_A
r
27
00100111
output
Accelerometer status data register
OUT_X_L_A
r
28
00101000
output
Accelerometer output registers
OUT_X_H_A
r
29
00101001
OUT_Y_L_A
r
2A
00101010
OUT_Y_H_A
r
2B
00101011
OUT_Z_L_A
r
2C
00101100
OUT_Z_H_A
r
2D
00101101
FIFO_CTRL
r/w
2E
00101110
00000000
Accelerometer FIFO registers
FIFO_SRC
r
2F
00101111
output
IG_CFG1_A
r/w
30
00110000
00000000
Accelerometer interrupt generator 1
configuration
IG_SRC1_A
r
31
00110001
output
Accelerometer interrupt generator 1
status register
IG_THS_X1_A
r/w
32
00110010
00000000
Accelerometer interrupt generator 1
threshold X
IG_THS_Y1_A
r/w
33
00110011
00000000
Accelerometer interrupt generator 1
threshold Y
IG_THS_Z1_A
r/w
34
00110100
00000000
Accelerometer interrupt generator 1
threshold Z
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com