Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 42 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 42 Page - STMicroelectronics

Back Button LSM303C Datasheet HTML 38Page - STMicroelectronics LSM303C Datasheet HTML 39Page - STMicroelectronics LSM303C Datasheet HTML 40Page - STMicroelectronics LSM303C Datasheet HTML 41Page - STMicroelectronics LSM303C Datasheet HTML 42Page - STMicroelectronics LSM303C Datasheet HTML 43Page - STMicroelectronics LSM303C Datasheet HTML 44Page - STMicroelectronics LSM303C Datasheet HTML 45Page - STMicroelectronics LSM303C Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 53 page
background image
Register description
LSM303C
42/53
DocID024975 Rev 2
8.22
IG_SRC2_A (37h)
Accelerometer interrupt generator 2 status register (r)
Table 63. IG_SRC2_A register
Table 64. IG_SRC2_A register description
8.23
IG_THS2_A (38h)
Accelerometer interrupt generator 2 threshold register (r/w)
Table 65. IG_THS2_A register
Table 66. IG_THS2_A register description
8.24
IG_DUR2_A (39h)
Accelerometer interrupt generator 2 duration register (r/w)
Table 67. IG_DUR2_A register
Table 68. IG_DUR2_A register description
-
IA
ZH
ZL
YHYL
XHXL
IA
Interrupt active. Default value: 0 (0: no interrupt has been generated; 1: one or
more interrupt events has been generated)
ZH
Z High. Default value: 0 (0: no interrupt; 1: ZH event has occurred)
ZL
Z Low. Default value: 0 (0: no interrupt; 1: ZL event has occurred)
YH
Y High. Default value: 0 (0: no interrupt; 1: YH event has occurred)
YL
Y Low. Default value: 0 (0: no interrupt; 1: YL event has occurred)
XH
X High. Default value: 0 (0: no interrupt; 1: XH event has occurred)
XL
X Low. Default value: 0 (0: no interrupt; 1: XL event has occurred)
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
THS [7:0]
Interrupt generator 2 threshold. Default 00000000.
WAIT2
DUR2_6
DUR2_5
DUR2_4
DUR2_3
DUR2_2
DUR2_1
DUR2_0
WAIT2
Wait function enable on duration counter. Default value: 0
(0: wait function off; 1: wait function on)
DUR2_[6:0]
Duration value. Default 0000000.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com