Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM303C Datasheet(PDF) 41 Page - STMicroelectronics

Part # LSM303C
Description  Ultra-compact high-performance eCompass module: 3D accelerometer and 3D magnetometer
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303C Datasheet(HTML) 41 Page - STMicroelectronics

Back Button LSM303C Datasheet HTML 37Page - STMicroelectronics LSM303C Datasheet HTML 38Page - STMicroelectronics LSM303C Datasheet HTML 39Page - STMicroelectronics LSM303C Datasheet HTML 40Page - STMicroelectronics LSM303C Datasheet HTML 41Page - STMicroelectronics LSM303C Datasheet HTML 42Page - STMicroelectronics LSM303C Datasheet HTML 43Page - STMicroelectronics LSM303C Datasheet HTML 44Page - STMicroelectronics LSM303C Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
DocID024975 Rev 2
41/53
LSM303C
Register description
53
8.19
IG_THS_X1_A (32h), IG_THS_Y1_A (33h), IG_THS_Z1_A
(34h)
Accelerometer interrupt generator 1 threshold registers (r/w)
Table 57. IG_THS register
Table 58. IG_THS register description
8.20
IG_DUR1_A (35h)
Accelerometer interrupt generator 1 duration register (r/w)
Table 59. IG_DUR1_A register
Table 60. IG_DUR1_A register description
8.21
IG_CFG2_A (36h)
Accelerometer interrupt generator 2 configuration register (r/w)
Table 61. IG_CFG2_A register
Table 62. IG_CFG2_A register description
THS7
THS6
THS5
THS4
THS3
THS2
THS1
THS0
THS [7:0]
Interrupt 1 threshold. Default 00000000.
WAIT1
DUR1_6
DUR1_5
DUR1_4
DUR1_3
DUR1_2
DUR1_1
DUR1_0
WAIT1
Wait function enable on duration counter. Default value: 0
(0: wait function off; 1: wait function on)
DUR1_[6:0]
Duration value. Default 0000000.
AOI
6D
ZHIE
ZLIE
YHIE
YLIE
XHIE
XLIE
AOI
And/Or combination of interrupt events. Default value: 0.
6D
6-direction detection function enabled. Default value: 0.
ZHIE
Enable interrupt generation on Z high event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
ZLIE
Enable interrupt generation on Z low event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
YHIE
Enable interrupt generation on Y low event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
YLIE
Enable interrupt generation on Y low event or on direction recognition.
Default value: 0 (0: disable interrupt request; 1: enable interrupt request)
XHIE
Enable interrupt generation on Xlow event or on direction recognition.
Default value: 0 (0: disable interrupt request;1: enable interrupt request)
XLIE
Enable interrupt generation on X low event or on direction recognition.
Default value: 0 (0: disable interrupt request;1: enable interrupt request)
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.
Downloaded from
Arrow.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com