Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 40 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 40 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 36Page - WIZnet Co., Ltd W5200 Datasheet HTML 37Page - WIZnet Co., Ltd W5200 Datasheet HTML 38Page - WIZnet Co., Ltd W5200 Datasheet HTML 39Page - WIZnet Co., Ltd W5200 Datasheet HTML 40Page - WIZnet Co., Ltd W5200 Datasheet HTML 41Page - WIZnet Co., Ltd W5200 Datasheet HTML 42Page - WIZnet Co., Ltd W5200 Datasheet HTML 43Page - WIZnet Co., Ltd W5200 Datasheet HTML 44Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
40
transmission data to the upper-bound, and change the physical address to the gSn_TX_BASE.
Next, write the rest of the transmission data.) After that, be sure to increase the Sn_TX_WR
value as much as the data size that indicates the size of writing data. Finally, give SEND
command to Sn_CR(Socket n Command Register).
Refer to the psedo code of the transmission part on TCP Server mode if detail is needed.
Sn_RX_RSR (SOCKET n Received Size Register) [R] [0x4026+0x0n00-0x4027+0x0n00]
[0x0000]
It informs the user of the byte size of the received data in Internal RX Memory of Socket n . As
this value is internally calculated with the values of Sn_RX_RD and Sn_RX_WR, it is
automatically changed by RECV command of Socket n Command Register (Sn_CR) and receives
data from the remote peer. When reading this register, user should read upper byte(0x4026,
0x4126, 0x4226, 0x4326, 0x4426, 0x4526, 0x4626, 0x4726) first, and lower byte(0x4027, 0x4127,
0x4227, 0x4327, 0x4427, 0x4527, 0x4627, 0x4727) later to get the correct value.
Ex) In case of 2048(0x0800) in S0_RX_RSR,
0x4026
0x04027
0x08
0x00
The total size of this value can be decided according to the value of RX Memory Size Register.
Sn_RX_RD (Socket n RX Read Pointer Register) [R/W] [0x4028+0x0n00-0x4028+0x0n00]
[0x0000]
This register offers the location information to read the receiving data. When reading this
register, user should read upper byte (0x4028, 0x4128, 0x4228, 0x4328, 0x4428, 0x4528, 0x4628,
0x4728) first, and lower byte (0x4029, 0x4129, 0x4229, 0x4329, 0x4429, 0x4529, 0x4629, 0x4729)
later to get the correct value. It has a random value as its initial value.
Caution: This register value is changed after the SEND command is successfully executed to
Sn_CR.
Ex) In case of 2048(0x0800) in S0_RX_RD,
0x4028
0x4029
0x08
0x00
But this value itself is not the physical address to read. So, the physical address should be
calculated as follow.
1. Socket n RX Base Address (hereafter we'll call gSn_RX_BASE) and Socket n RX Mask
Address (hereafter we'll call gSn_RX_MASK) are calculated on RMSR value. Refer to the
pseudo code of the 5.1 Initialization if the detail is needed.
2. The bitwise-AND operation of two values, Sn_RX_RD and gSn_RX_MASK give result the
offset address(hereafter we'll call get_offset), in RX memory range of the socket.
3. Two values get_offset and gSn_RX_BASE are added together to give result the physical
address(hereafter, we'll call get_start_address).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com