Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 37 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 37 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 33Page - WIZnet Co., Ltd W5200 Datasheet HTML 34Page - WIZnet Co., Ltd W5200 Datasheet HTML 35Page - WIZnet Co., Ltd W5200 Datasheet HTML 36Page - WIZnet Co., Ltd W5200 Datasheet HTML 37Page - WIZnet Co., Ltd W5200 Datasheet HTML 38Page - WIZnet Co., Ltd W5200 Datasheet HTML 39Page - WIZnet Co., Ltd W5200 Datasheet HTML 40Page - WIZnet Co., Ltd W5200 Datasheet HTML 41Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
37
Sn_RXMEM_SIZE(Socket n RX Memory Size Register) [R/W] [0x401E+0x0n00] [0x02]
It configures the internal RX Memory size of each SOCKET. RX Memory size of each SOCKET is
configurable in the size of 0, 1, 2, 4, 8, and 16 Kbytes. 2Kbytes is assigned when reset.
Sn_RXMEM_SIZESUM(sum of Sn_RXMEM_SIZE) of each SOCKET should be 16KB.
Value
0x00
0x01
0x02
0x04
0x08
0x10
Memory size
0KB
1KB
2KB
4KB
8KB
16KB
Ex1) SOCKET 0 : 8KB, SOCKET 1 : 2KB
0x401E
0x411E
0x08
0x02
Ex2) SOCKET 2 : 1KB, SOCKET 3 : 1KB
0x421E
0x431E
0x01
0x01
Ex3) SOCKET 4 : 1KB, SOCKET 5 : 1KB
0x441E
0x451E
0x01
0x01
Ex4) SOCKET 6 : 1KB, SOCKET 7 : 1KB
0x461E
0x471E
0x01
0x01
Sn_TXMEM_SIZE(Socket n TX Memory size Register) [R/W][0x401F+0x0n00] [0x02]
It configures the internal TX Memory size of each SOCKET. TX Memory size of each SOCKET is
configurable in the size of 0, 1, 2, 4, 8, and 16Kbytes. 2Kbytes is assigned when reset.
Sn_TXMEM_SIZESUM(summation of Sn_TXMEM_SIZE) of each SOCKET should be 16KB.
Ex1) SOCKET 0 : 4KB, SOCKET 1 : 1KB
0x401F
0x411F
0x04
0x01
Ex2) SOCKET 2 : 2KB, SOCKET 3 : 1KB
0x421F
0x431F
0x02
0x01
Ex3) SOCKET 4 : 2KB, SOCKET 5 : 2KB
0x441F
0x451F
0x02
0x02
Ex4) SOCKET 6 : 2KB, SOCKET 7 : 2KB
0x461F
0x471F
0x02
0x02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com