Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 49 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 49 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 45Page - WIZnet Co., Ltd W5200 Datasheet HTML 46Page - WIZnet Co., Ltd W5200 Datasheet HTML 47Page - WIZnet Co., Ltd W5200 Datasheet HTML 48Page - WIZnet Co., Ltd W5200 Datasheet HTML 49Page - WIZnet Co., Ltd W5200 Datasheet HTML 50Page - WIZnet Co., Ltd W5200 Datasheet HTML 51Page - WIZnet Co., Ltd W5200 Datasheet HTML 52Page - WIZnet Co., Ltd W5200 Datasheet HTML 53Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
49
Confirm the reception of the TCP data.
First method :
{
if (Sn_IR(RECV) == ‘1’) Sn_IR(RECV) = ‘1’; goto Receiving Process stage;
/* In this case, if the interrupt of Socket n is activated, interrupt occurs. Refer to IR,
IMR Sn_IMR and Sn_IR. */
}
Second Method :
{
if (Sn_RX_RSR0 != 0x0000) goto Receiving Process stage;
}
The First method: set the Sn_IR(RECV) to ‘1’ whenever you receive a DATA packet. If the
host receives the next DATA packet without setting the Sn_IR(RECV) as ‘1’ in the prior
DATA packet, it cannot recognize the Sn_IR(RECV) of the next DATA packet. This is due
to the prior Sn_IR(RECV) and next Sn_IR(RECV) being overlapped. So this method is not
recommended if the host cannot perfectly process the DATA packets of each Sn_IR(RECV).
ESTABLISHMENT : Receiving process
In this process, it processes the TCP data which was received in the Internal RX memory.
At the TCP mode, the W5200 cannot receive the data if the size of received data is
larger than the RX memory free size of Socket n . If the prior stated condition is
happened, the W5200 holds on to the connection (pauses), and waits until the RX
memory’s free size is larger than the size of the received data.
{
/* first, get the received size */
len = Sn_RX_RSR;
// len is received size
/* calculate offset address */
src_mask = Sn_RX_RD&gSn_RX_MASK;
// src_mask is offset address
/* calculate start address(physical address) */
src_ptr = gSn_RX_BASE + src_mask;
// src_ptr is physical start address
/* if overflow SOCKET RX memory */
If((src_mask + len) > (gSn_RX_MASK + 1))
{
/* copy upper_size bytes of source_ptr to destination_address */
upper_size = (gSn_RX_MASK + 1) – src_mask;
memcpy(src_ptr, dst_ptr, upper_size);
/* update destination_ptr */
dst_address += upper_size;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com