Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 87 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 87 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 80Page - WIZnet Co., Ltd W5200 Datasheet HTML 81Page - WIZnet Co., Ltd W5200 Datasheet HTML 82Page - WIZnet Co., Ltd W5200 Datasheet HTML 83Page - WIZnet Co., Ltd W5200 Datasheet HTML 84Page - WIZnet Co., Ltd W5200 Datasheet HTML 85Page - WIZnet Co., Ltd W5200 Datasheet HTML 86Page - WIZnet Co., Ltd W5200 Datasheet HTML 87Page - WIZnet Co., Ltd W5200 Datasheet HTML 88Page - WIZnet Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 87 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
87
Ver. 1.2.8
13NOV2012
1. Updated description of “W5200”(P.2)
2. Added more information about “indirect interface mode at 1.1
MCU Interface Signals”(P.8)
3. Updated “Figure 1 at 1.1 MCU Interface Signals ”(P.8)
corrected Pin6~7, Pin30~39, Pin42~43
4. Updated “pin descriptions at 1.1 MCU Interface Signals”(P.8-13)
5. Updated description of “INTn at 1.1 MCU Interface Signals”(P.9)
Added Sn_IR in description
6. Updated “Socket register at 3.2 Socket registers”(P.16)
corrected from Socket 0 to Socket n
7. Updated description of Table
Added WOL in Table of “Mode register at 4.1 Common Registers”
(P.17)
Added MF in Table of “Sn_MR at 4.2 Socket Registers ”(P.24)
8. Updated description of “INTLEVEL at 4.1 Common Registers”
(P.21)
9. Corrected “ Figure24 and Table at 7.4.3 SPI Timing”(P.80)
corrected from Tcss(Hold time) to Tcss(Setup time) in Table
10. Corrected Table ,“FSCK and TCHZ at 7.4.3 SPI Timing” (P.80)
FSCK from 80MHz to 80/33.3MHz
TCHZ from 5ns to 2.1ns
11. Corrected typo for:
from registor to resistor in notes at 1.3 Miscellaneous Signals (P.11)
from 1v80 to 1v8O(TYPO) in Table at 1.4 Power Supply Signals(P.11)
from Interrupt Mask to Interrupt at 4.2 Socket Registers (P.29)
from IR to IR2 at 4.1 Common Registers(P.21)
Ver. 1.2.9
5APR2013
1.Corrected “Figure 1at 1 Pin Assignment” (P.8)
from MDC/SPIEN to SPIEN, from MDIO to RSV
2.Corrected Table
from MDC/SPIEN to SPIEN at 1.1 MCU Interface Signals(P.10)
from MDIO to RSV at 1.3 MCU Interface Signals(P.10)
Notes: Pull-Up/Down resistor 75k ->10k
3.Corrected “Figure 2,3 at 1.4 Power Supply Signal” (P.11~12)
4. Corrected “Timeout expression at 4.1 Common Registers”(P.20)
5.Updated
“Description
of
SOCK_LAST_ACK
at
4.2
Socket
Register”(P.30)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com