Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 8 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 8 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 4Page - WIZnet Co., Ltd W5200 Datasheet HTML 5Page - WIZnet Co., Ltd W5200 Datasheet HTML 6Page - WIZnet Co., Ltd W5200 Datasheet HTML 7Page - WIZnet Co., Ltd W5200 Datasheet HTML 8Page - WIZnet Co., Ltd W5200 Datasheet HTML 9Page - WIZnet Co., Ltd W5200 Datasheet HTML 10Page - WIZnet Co., Ltd W5200 Datasheet HTML 11Page - WIZnet Co., Ltd W5200 Datasheet HTML 12Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
8
1
Pin Assignment
Figure 1 Pin Description W5200
1.1 MCU Interface Signals
Symbol
Type
Pin No
Description
A0/DUP
I
30
(*)ADDRESS[0]
This pin is used to select a register or memory when using
indirect interface.
A1/SPD
I
31
(*)ADDRESS[1]
This pin is used to select a register or memory when using
indirect interface.
D7-0
I/O
32, 33,
34, 35,
36, 37,
38, 39
(*)DATA
These pins are used to read and write register or memory
data.
RSTn
I
46
RESET ( Active LOW )
This pin is active Low input to initialize or re-initialize
W5200.
RESET should be held at least 2us after low assert, and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com