Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 29 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 29 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 25Page - WIZnet Co., Ltd W5200 Datasheet HTML 26Page - WIZnet Co., Ltd W5200 Datasheet HTML 27Page - WIZnet Co., Ltd W5200 Datasheet HTML 28Page - WIZnet Co., Ltd W5200 Datasheet HTML 29Page - WIZnet Co., Ltd W5200 Datasheet HTML 30Page - WIZnet Co., Ltd W5200 Datasheet HTML 31Page - WIZnet Co., Ltd W5200 Datasheet HTML 32Page - WIZnet Co., Ltd W5200 Datasheet HTML 33Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
29
Sn_IR (Socket n Interrupt Register) [R] [0x4002+0x0n00] [0x00]
Sn_IR register provides information such as the type of interrupt (establishment, termination,
receiving data, timeout) used in Socket n. When an interrupt occurs and the mask bit of Sn_IMR
is ‘1’, the interrupt bit of Sn_IR becomes ‘1’.
In order to clear the Sn_IR bit, the host should write the bit as ‘1’. When all the bits of
Sn_IR is cleared (‘0’), IR(n) is automatically cleared.
7
6
5
4
3
2
1
0
PRECV
PFAIL
PNEXT
SEND_OK
TIMEOUT
RECV
DISCON
CON
Bit
Symbol
Description
7
PRECV
Sn_IR(PRECV) Interrupt
Valid only in case of 'SOCKET=0' and 'S0_MR(P3:P0)=S0_MR_PPPoE'
PPP Receive Interrupts when the option which is not supported is
received
6
PFAIL
Sn_IR(PFAIL) Interrupt
Valid only in case of 'SOCKET=0' & 'S0_MR(P3:P0)=S0_MR_PPPoE'
PPP Fail Interrupts when PAP Authentication is failed
5
PNEXT
Sn_IR(PNEXT) Interrupt
Valid only in case of 'SOCKET=0' & 'S0_MR(P3:P0)=S0_MR_PPPoE'
PPP Next Phase Interrupts when the phase is changed during ADSL
connection process
4
SEND_OK
Sn_IR(SENDOK) Interrupt
SEND OK Interrupts when the SEND command is completed
3
TIMEOUT
Sn_IR(TIMEOUT) Interrupt
TIMEOUT Interrupts when ARPTO or TCPTO occurs
2
RECV
Sn_IR(RECV) Interrupt
Receive Interrupts whenever data packet is received from a peer
1
DISCON
Sn_IR(DISCON) Interrupt
Disconnect Interrupts when FIN of FIN/ACK packet is received from a
peer
0
CON
Sn_IR(CON) Interrupt
Connect Interrupts when a connection is established with a peer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com