Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 65 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 65 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 61Page - WIZnet Co., Ltd W5200 Datasheet HTML 62Page - WIZnet Co., Ltd W5200 Datasheet HTML 63Page - WIZnet Co., Ltd W5200 Datasheet HTML 64Page - WIZnet Co., Ltd W5200 Datasheet HTML 65Page - WIZnet Co., Ltd W5200 Datasheet HTML 66Page - WIZnet Co., Ltd W5200 Datasheet HTML 67Page - WIZnet Co., Ltd W5200 Datasheet HTML 68Page - WIZnet Co., Ltd W5200 Datasheet HTML 69Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
65
5.2.3 IPRAW
IPRAW is data communication using TCP, UDP, and IP layers, which are the lower protocol
layers. IPRAW supports IP layer protocol such as ICMP (0x01) and IGMP (0x02) according
to the protocol number. The ‘ping’ of ICMP or IGMP v1/v2 is already included in W5200
by hardware logic. But if the user needs, the host can directly process the IPRAW by
opening the Socket n to IPRAW. In the case of using IPRAW mode, user must set the
protocol number field of the IP header to what the user wants to use. The protocol
number
is
defined
by
IANA.
Refer
to
the
web
(
U
http://www.iana.org
/assignments/protocol-numbers
U
). The protocol number must be configured to
Sn_PROTO before ‘SOCKET open.’ In IPRAW mode, W5200 does not support TCP (0x06)
or UDP (0x11) protocol number. The SOCKET communication of IPRAW mode only allows
the communication of an assigned protocol number. The ICMP SOCKET cannot receive
unassigned protocol data except assigned protocol data such as IGMP.
Figure 14 IPRAW Operation Flow
SOCKET Initialization
Select the SOCKET and set the protocol number. Then set the Sn_MR(P3:P0) to IPRAW
mode and execute ‘OPEN’ command. If the Sn_SR is changed to SOCK_IPRAW after the
‘OPEN’ command, the SOCKET initialization is completed.
{
START:
/* sets Protocol number */
/* The protocol number is used in Protocol Field of IP Header. */
Sn_PROTO = protocol_num;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com