Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 16 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 16 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 12Page - WIZnet Co., Ltd W5200 Datasheet HTML 13Page - WIZnet Co., Ltd W5200 Datasheet HTML 14Page - WIZnet Co., Ltd W5200 Datasheet HTML 15Page - WIZnet Co., Ltd W5200 Datasheet HTML 16Page - WIZnet Co., Ltd W5200 Datasheet HTML 17Page - WIZnet Co., Ltd W5200 Datasheet HTML 18Page - WIZnet Co., Ltd W5200 Datasheet HTML 19Page - WIZnet Co., Ltd W5200 Datasheet HTML 20Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
16
3.2 Socket registers
Note : n is socket number ( 0, 1, 2, 3, 4, 5, 6, 7 )
Address
Register
0x4n00
Socket n Mode (Sn_MR)
0x4n01
Socket n Command (Sn_CR)
0x4n02
Socket n Interrupt (Sn_IR)
0x4n03
Socket n Status (Sn_SR)
0x4n04
0x4n05
Socket n Source Port
(Sn_PORT0)
(Sn_PORT1)
0x4n06
0x4n07
0x4n08
0x4n09
0x4n0A
0x4n0B
Socket n Destination Hardware Address
(Sn_DHAR0)
(Sn_DHAR1)
(Sn_DHAR2)
(Sn_DHAR3)
(Sn_DHAR4)
(Sn_DHAR5)
0x4n0C
0x4n0D
0x4n0E
0x4n0F
Socket n Destination IP Address
(Sn_DIPR0)
(Sn_DIPR1)
(Sn_DIPR2)
(Sn_DIPR3)
0x4n10
0x4n11
Socket n Destination Port
(Sn_DPORT0)
(Sn_DPORT1)
0x4n12
0x4n13
Socket n Maximum Segment Size
(Sn_MSSR0)
(Sn_MSSR1)
0x4n14
Socket n Protocol in IP Raw mode
(Sn_PROTO)
0x4n15
Socket n IP TOS (Sn_TOS)
0x4n16
Socket n IP TTL (Sn_TTL)
0x4n17
~
0x4n1D
Reserved
Address Register
0x4n1E
Receive Memory Size
(Sn_RXMEM_SIZE)
0x4n1F
Transmit Memory Size
(Sn_TXMEM_SIZE)
0x4n20
0x4n21
Socket n TX Free Size
(Sn_TX_FSR0)
(Sn_TX_FSR1)
0x4n22
0x4n23
Socket n TX Read Pointer
(Sn_TX_RD0)
(Sn_TX_RD1)
0x4n24
0x4n25
Socket n TX Write Pointer
(Sn_TX_WR0)
(Sn_TX_WR1)
0x4n26
0x4n27
Socket n RX Received Size
(Sn_RX_RSR0)
(Sn_RX_RSR1)
0x4n28
0x4n29
Socket n RX Read Pointer
(Sn_RX_RD0)
(Sn_RX_RD1)
0x4n2A
0x4n2B
Socket n RX Write Pointer
(Sn_RX_WR0)
(Sn_RX_WR1)
0x4n2C
Socket n Interrupt Mask
(Sn_IMR)
0x4n2D
0x4n2E
Socket n Fragment Offset in IP header
(Sn_FRAG0)
(Sn_FRAG1)
0x4n30
~
0x4nFF
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com