Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 17 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 17 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 13Page - WIZnet Co., Ltd W5200 Datasheet HTML 14Page - WIZnet Co., Ltd W5200 Datasheet HTML 15Page - WIZnet Co., Ltd W5200 Datasheet HTML 16Page - WIZnet Co., Ltd W5200 Datasheet HTML 17Page - WIZnet Co., Ltd W5200 Datasheet HTML 18Page - WIZnet Co., Ltd W5200 Datasheet HTML 19Page - WIZnet Co., Ltd W5200 Datasheet HTML 20Page - WIZnet Co., Ltd W5200 Datasheet HTML 21Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
17
4
Register Descriptions
4.1 Common Registers
MR (Mode Register) [R/W] [0x0000] [0x00]
This register is used for S/W reset, ping block mode and PPPoE mode.
7
6
5
4
3
2
1
0
RST
WOL
PB
PPPoE
Bit
Symbol
Description
7
RST
S/W Reset
If this bit is ‘1’, internal register will be initialized. It will be
automatically cleared after reset.
6
Reserved
Reserved
5
WOL
Wake on LAN
0:Normal Mode
1:WOL mode
If the bit is set as ‘1’, there is waiting for the Magic Packet.
4
PB
Ping Block Mode
0 : Disable Ping block
1 : Enable Ping block
If the bit is set as ‘1’, there is no response to the ping request.
3
PPPoE
PPPoE Mode
0 : DisablePPPoE mode
1 : EnablePPPoE mode
If you use ADSL without router or etc, you should set the bit as
‘1’ to connect to ADSL Server. For more detail, refer to the
application note, “How to connect ADSL”.
2
Reserved
Reserved
1
Reserved
Reserved
0
Reserved
Reserved
GAR (Gateway IP Address Register) [R/W] [0x0001 – 0x0004] [0x00]
This Register sets up the default gateway address.
Ex) In case of “192.168.0.1”
0x0001
0x0002
0x0003
0x0004
192 (0xC0)
168 (0xA8)
0 (0x00)
1 (0x01)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com