Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 30 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 30 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 26Page - WIZnet Co., Ltd W5200 Datasheet HTML 27Page - WIZnet Co., Ltd W5200 Datasheet HTML 28Page - WIZnet Co., Ltd W5200 Datasheet HTML 29Page - WIZnet Co., Ltd W5200 Datasheet HTML 30Page - WIZnet Co., Ltd W5200 Datasheet HTML 31Page - WIZnet Co., Ltd W5200 Datasheet HTML 32Page - WIZnet Co., Ltd W5200 Datasheet HTML 33Page - WIZnet Co., Ltd W5200 Datasheet HTML 34Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
30
Sn_SR (Socket n Status Register) [R] [0x4003+0x0n00] [0x00]
This register provides the status of Socket n . SOCKET status are changed when using the Sn_CR
register or during packet transmission/reception. The table below describes the different states
of Socket n .
Value
Symbol
Description
0x00
SOCK_CLOSED
It is the status that resource of SOCKETn is released. When
DISCON or CLOSE command is performed, or ARPTO, or
TCPTO occurs, it is changed to SOCK_CLOSED regardless of
previous value.
0x13
SOCK_INIT
It is shown in case that Sn_MR is set as TCP and OPEN
commands are given to Sn_CR. It is changed to SOCK_INIT
when Sn_MR (P3:P0) is Sn_MR_TCP and OPEN command is
performed. It is the initial step of TCP connection
establishment.
It is possible to perform LISTEN command at the "TCP
SERVER" mode and CONNECT command at the "TCP
CLIENT".
It is the status that SOCKETn operates as "TCP SERVER" and
waits for connect-request (SYN packet) from "TCP CLIENT".
0x14
SOCK_LISTEN
Socket n operates in TCP Server Mode and waits for a
connection-request (SYN packet) from a “TCP CLIENT”.
When the LISTEN command is used, the stage changes to
SOCK_LISTEN
Once the connection is established, the SOCKET state
changes
from
SOCK_LISTEN
to
SOCK_ESTABLISHED;
however,
if
the
connection
fails,
TCPTO
occurs
(Sn_IR(TIME_OUT) = ‘1’) and the state changes to
SOCK_CLOSED.
0x17
SOCK_ESTABLISHED It is shown in case that connection is established. It is
changed to SOCK_ESTABLISHED when SYN packet from
“TCP
CLIENT”
is
successfully
processed
at
the
SOCK_LISTEN, or CONNECTS command is successfully
performed. At this status, DATA packet can be transferred,
that is, SEND or RECV command can be performed.
0x1C
SOCK_CLOSE_WAIT
It is the status that disconnect-request (FIN packet) is
received from the peer As TCP connection is half-closed, it
is possible to transfer data packet. In order to complete
the TCP disconnection, DISCON command should be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com