Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 31 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 31 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 27Page - WIZnet Co., Ltd W5200 Datasheet HTML 28Page - WIZnet Co., Ltd W5200 Datasheet HTML 29Page - WIZnet Co., Ltd W5200 Datasheet HTML 30Page - WIZnet Co., Ltd W5200 Datasheet HTML 31Page - WIZnet Co., Ltd W5200 Datasheet HTML 32Page - WIZnet Co., Ltd W5200 Datasheet HTML 33Page - WIZnet Co., Ltd W5200 Datasheet HTML 34Page - WIZnet Co., Ltd W5200 Datasheet HTML 35Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
31
performed.
For SOCKETn close without disconnection-process, CLOSE
command should be just performed.
0x22
SOCK_UDP
It is the status that SOCKETn is open as UDP mode. It is
changed to SOCK_UDP when Sn_MR(P3:P0) is Sn_MR_UDP
and OPEN command is performed. DATA packet can be
transferred without connection that is necessary to TCP
mode SOCKET.
0x32
SOCK_IPRAW
The socket is opened in IPRAW mode. The SOCKET status is
change
to
SOCK_IPRAW
when
Sn_MR
(P3:P0)
is
Sn_MR_IPRAW and OPEN command is used. IP Packet can
be transferred without a connection similar to the UDP
mode.
0x42
SOCK_MACRAW
It is changed to SOCK_MACRAW in case of S0_CR=OPEN and
S0_MR (P3:P0)=S0_MR_MACRAW. MACRAW packet (Ethernet
frame) can be transferred similar to UDP mode.
0x5F
SOCK_PPPOE
It is the status that SOCKET0 is open as PPPoE mode. It is
changed to SOCK_PPPoE in case of S0_CR=OPEN and S0_MR
(P3:P0)=S0_MR_PPPoE . It is temporarily used at the PPPoE
connection.
Below is shown during changing the status.
Value
Symbol
Description
0x15
SOCK_SYNSENT
This status indicates that a connect-request (SYN packet)
is sent to a "TCP SERVER". This status shows changing
process from SOCK_INIT to SOCK_ESTABLISHED by CONNECT
command. At this status, if connect-accept (SYN/ACK
packet) is received from "TCP SERVER", it is automatically
changed to SOCK_ ESTBLISHED. If SYN/ACK packet is not
received from the "TCP SERVER" before TCPTO occurs
(Sn_IR(TIMEOUT)=‘1’), it is changed to SOCK_CLOSED.
0x16
SOCK_SYNRECV
This status indicate that a connect-request(SYN packet) is
received from a "TCP CLIENT". It is automatically changed
to SOCK_ESTABLISHED when W5200 successfully transmits
connect-accept (SYN/ACK packet) to the "TCP CLIENT". If
it is failed, TCPTO occurs (Sn_IR(TIMEOUT)=‘1’), and it is
changed to SOCK_CLOSED
0x18
SOCK_FIN_WAIT
These status shows that Socket n is closed. It is observed
in the disconnect-process of active close or passive close.
0x1A
SOCK_CLOSING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com