Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 41 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 41 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 37Page - WIZnet Co., Ltd W5200 Datasheet HTML 38Page - WIZnet Co., Ltd W5200 Datasheet HTML 39Page - WIZnet Co., Ltd W5200 Datasheet HTML 40Page - WIZnet Co., Ltd W5200 Datasheet HTML 41Page - WIZnet Co., Ltd W5200 Datasheet HTML 42Page - WIZnet Co., Ltd W5200 Datasheet HTML 43Page - WIZnet Co., Ltd W5200 Datasheet HTML 44Page - WIZnet Co., Ltd W5200 Datasheet HTML 45Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
41
Sn_RX_WR (Socket n RX Write Pointer Register)[R/W][(0x402A + 0x0n00) – (0x402B +
0x0n00)][0x0000]
This register offers the location information to write the receive data. When reading this
register, the user should read upper bytes (0x402A, 0x412A, 0x422A, 0x432A, 0x442A, 0x452A,
0x462A, 0x472A) first and lower bytes (0x402B, 0x412B, 0x422B, 0x432B, 0x442B, 0x452B,
0x462B, 0x472B) later to get the correct value.
Ex) In case of 2048(0x0800) in S0_RX_WR,
0x402A
0x402B
0x08
0x00
Sn_IMR (Socket n Interrupt Mask Register)[R/W][0x402C+0x0n00][0xFF]
It configures the interrupt of Socket n so as to notify to the host. Interrupt mask bit of Sn_IMR
corresponds to interrupt bit of Sn_IR. If interrupt occurs in any SOCKET and the bit is set as ‘1’,
its corresponding bit of Sn_IR is set as ‘1’. When the bits of Sn_IMR and Sn_IR are ‘1’, IR(n)
becomes ‘1’. At this time, if IMR(n) is ‘1’, the interrupt is issued to the host. (‘INTn’ signal is
asserted low)
7
6
5
4
3
2
1
0
PRECV
PFAIL
PNEXT
SEND_OK
TIMEOUT
RECV
DISCON
CON
Bit
Symbol
Description
7
PRECV
Sn_IR(PRECV) Interrupt Mask
Valid only in case of ‘SOCKET = 0’ & ‘S0_MR(P3:P0) = S0_MR_PPPoE’
6
PFAIL
Sn_IR(PFAIL) Interrupt Mask
Valid only in case of ‘SOCKET = 0’ & ‘S0_MR(P3:P0) = S0_MR_PPPoE’
5
PNEXT
Sn_IR(PNEXT) Interrupt Mask
Valid only in case of ‘SOCKET = 0’ & ‘S0_MR(P3:P0) = S0_MR_PPPoE’
4
SENDOK
Sn_IR(SENDOK) Interrupt Mask
3
TIMEOUT
Sn_IR(TIMEOUT) Interrupt Mask
2
RECV
Sn_IR(RECV) Interrupt Mask
1
DISCON
Sn_IR(DISCON) Interrupt Mask
0
CON
Sn_IR(CON) Interrupt Mask



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com