Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 20 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 20 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 16Page - WIZnet Co., Ltd W5200 Datasheet HTML 17Page - WIZnet Co., Ltd W5200 Datasheet HTML 18Page - WIZnet Co., Ltd W5200 Datasheet HTML 19Page - WIZnet Co., Ltd W5200 Datasheet HTML 20Page - WIZnet Co., Ltd W5200 Datasheet HTML 21Page - WIZnet Co., Ltd W5200 Datasheet HTML 22Page - WIZnet Co., Ltd W5200 Datasheet HTML 23Page - WIZnet Co., Ltd W5200 Datasheet HTML 24Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
20
The timeout of W5200 can be configurable with RTR and RCR. W5200’s timeout has Address
Resolution Protocol (ARP) and TCP retransmission timeout.
At the ARP (Refer to RFC 826, http://www.ietf.org/rfc.html) retransmission timeout, W5200
automatically sends ARP-request to the peer’s IP address in order to acquire MAC address
information (used for communication of IP, UDP, or TCP). As waiting for ARP-response from the
peer, if there is no response during the time set in RTR, Timeout occurs and ARP-request is re-
transmitted. It is repeated as many as ‘RCR + 1’ times.
Even after ARP-request retransmissions are repeated ‘RCR + 1’ times, if there is no ARP-
response, the final timeout occurs and Sn_IR(TIMEOUT) becomes ‘1’.
The value of final timeout (ARPTO) of ARP-request is as below.
At the TCP packet retransmission timeout, W5200 transmits TCP packets (SYN, FIN, RST, DATA
packets) and waits for the acknowledgement (ACK) during the time set in RTR and RCR. If there
is no ACK from the peer, Timeout occurs and TCP packets (sent earlier) are retransmitted. The
retransmissions are repeated as many as ‘RCR + 1’ times. Even after TCP packet retransmissions
are repeated ‘RCR +1’ times, if there is no ACK from the peer, final timeout occurs and Sn_SR
is changed to ‘SOCK_CLOSED” at the same time with Sn_IR(TIMEOUT) = ‘1’
Ex) When RTR = 2000(0x07D0), RCR = 8(0x0008),
ARPTO = 2000 X 0.1ms X 9 = 1800ms = 1.8s
TCPTO = (0x07D0 + 0x0FA0 + 0x1F40 + 0x3E80 + 0x7D00 + 0xFA00 + 0xFA00 + 0xFA00 + 0xFA00) X 0.1ms
= (2000 + 4000 + 8000 + 16000 + 32000 + ((8 - 4) X 64000)) X 0.1ms
= 318000 X 0.1ms = 31.8s
The value of final timeout (TCPTO) of TCP packet retransmission can be calculated as below,
PATR (Authentication Type in PPPoE mode) [R] [0x001C-0x001D] [0x0000]
This register notifies authentication method that has been agreed at the connection with PPPoE
Server. W5200 supports two types of Authentication method - PAP and CHAP.
Value
Authentication Type
0xC023
PAP
0xC223
CHAP
M
TCPTO = (
Σ(RTR X 2N ) + ((RCR-M) X RTRMAX) ) X 0.1ms
N=0
N
: Retransmission count, 0 <= N <= M
M
: Minimum value when RTR X 2(M+1) > 65535 and 0 <= M <= RCR
RTRMAX : RTR X 2M
ARPTO
=(RTR X 0.1ms ) X ( RCR + 1 )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com