Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 9 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 9 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 5Page - WIZnet Co., Ltd W5200 Datasheet HTML 6Page - WIZnet Co., Ltd W5200 Datasheet HTML 7Page - WIZnet Co., Ltd W5200 Datasheet HTML 8Page - WIZnet Co., Ltd W5200 Datasheet HTML 9Page - WIZnet Co., Ltd W5200 Datasheet HTML 10Page - WIZnet Co., Ltd W5200 Datasheet HTML 11Page - WIZnet Co., Ltd W5200 Datasheet HTML 12Page - WIZnet Co., Ltd W5200 Datasheet HTML 13Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
9
wait for at least 150ms after high de-assert in order for
PLL logic to be stable. Refer to RESET timing of “7
Electrical Specification”
CSn
I
41
SPI SLAVE SELECT ( Active LOW )
This pin is used to SPI Slave Select signal Pin when using
SPI interface.
(*)CHIP SELECT ( Active LOW )
Chip Select is for MCU to access to internal registers or
memory when using indirect interface.
INTn
O
40
INTERRUPT (Active LOW )
This pin indicates that W5200 requires MCU attention
after socket connecting, disconnecting, data receiving
timeout, and WOL (Wake on LAN). The interrupt is cleared
by writing IR(Interrupt Register) or Sn_IR (Socket n
Interrupt Register). All interrupts are maskable. This pin
is active low.
SCLK/RDn
I
42
SPI CLOCK
This pin is used to SPI Clock signal Pin when using SPI
interface.
(*)READ ENABLE ( Active LOW )
Strobe from MCU to read an internal register/memory
selected by A[1:0] when using indirect interface.
MOSI/WRn
I
43
SPI MASTER OUT SLAVE IN
This pin is used to SPI MOSI signal pin when using SPI
interface.
(*)WRITE ENABLE ( Active LOW )
Strobe from MCU to write an internal register/memory
selected by A[1:0] when using indirect interface. Data is
latched into the W5200 on the rising edge of this input.
MISO
O
44
SPI MASTER IN SLAVE OUT
This pin is used to SPI MISO signal pin.
PWDN
I
45
POWER DOWN ( Active HIGH )
This pin is used to power down pin.
Low : Normal Mode Enable
High : Power Down Mode Enable
SPIEN
I
6
(*)SPI ENABLE ( Active HIGH )
This pin selects Enable/disable of the SPI Mode.
Low = SPI Mode Disable
High = SPI Mode Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com