Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 11 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 11 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 7Page - WIZnet Co., Ltd W5200 Datasheet HTML 8Page - WIZnet Co., Ltd W5200 Datasheet HTML 9Page - WIZnet Co., Ltd W5200 Datasheet HTML 10Page - WIZnet Co., Ltd W5200 Datasheet HTML 11Page - WIZnet Co., Ltd W5200 Datasheet HTML 12Page - WIZnet Co., Ltd W5200 Datasheet HTML 13Page - WIZnet Co., Ltd W5200 Datasheet HTML 14Page - WIZnet Co., Ltd W5200 Datasheet HTML 15Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
11
This function activates only during reset
period
RSV
I
7
Reserved Pin
Notes: Pull-Up/Down resistor = Typical value are 10K
Ω.
1.4 Power Supply Signals
Symbol
Type
Pin No
Description
VCC3V3A
Power
11, 15, 23
3.3V power supply for Analog part
VCC3V3
Power
27, 47
3.3V power supply for Digital part
VCC1V8
Power
8, 25
1.8V power supply for Digital part
GNDA
Ground
13, 19, 22, 24
Analog ground
GND
Ground
9, 10, 26,
28, 48
Digital ground
1V8O
O
14
1.8V regulator output voltage
1.8V/200mA power created by internal power
regulator, is used for core operation power
( VCC1V8).
Be sure to connect tantalum capacitor between
1V8O
and
GND
for
output
frequency
compensation, and selectively connect 0.1uF
capacitor for high frequency noise decoupling.
Notice: 1V8O is the power for W5200 core
operation. It should not be connected to the
power of other devices.
XTALVDD
I
16
Figure 2 XTAL_VDD Reference Schematic
Connect a capacitor of 10.1uF to the ground.
※ Refer to the ‘W5200E01-M3 Reference schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com