Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 5 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 5 Page - WIZnet Co., Ltd

  W5200 Datasheet HTML 1Page - WIZnet Co., Ltd W5200 Datasheet HTML 2Page - WIZnet Co., Ltd W5200 Datasheet HTML 3Page - WIZnet Co., Ltd W5200 Datasheet HTML 4Page - WIZnet Co., Ltd W5200 Datasheet HTML 5Page - WIZnet Co., Ltd W5200 Datasheet HTML 6Page - WIZnet Co., Ltd W5200 Datasheet HTML 7Page - WIZnet Co., Ltd W5200 Datasheet HTML 8Page - WIZnet Co., Ltd W5200 Datasheet HTML 9Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
5
Table of Contents
1
Pin Assignment ......................................................................................... 8
1.1
MCU Interface Signals ..................................................................... 8
1.2
PHY Signals ................................................................................. 10
1.3
Miscellaneous Signals ..................................................................... 10
1.4
Power Supply Signals ..................................................................... 11
1.5
Clock Signals ............................................................................... 13
1.6
LED Signals ................................................................................. 13
2
Memory Map ........................................................................................... 14
3
W5200 Registers....................................................................................... 15
3.1
common registers ......................................................................... 15
3.2
Socket registers ........................................................................... 16
4
Register Descriptions ................................................................................. 17
4.1
Common Registers ........................................................................ 17
4.2
Socket Registers ........................................................................... 24
5
Functional Descriptions .............................................................................. 43
5.1
Initialization ............................................................................... 43
5.2
Data Communications .................................................................... 46
5.2.1
TCP .................................................................................... 46
5.2.1.1
TCP SERVER..................................................................... 47
5.2.1.2
TCP CLIENT ..................................................................... 54
5.2.2
UDP .................................................................................... 55
5.2.2.1
Unicast and Broadcast ........................................................ 55
5.2.2.2
Multicast ........................................................................ 62
5.2.3
IPRAW ................................................................................. 65
5.2.4
MACRAW............................................................................... 66
6
External Interface .................................................................................... 73
6.1
SPI (Serial Peripheral Interface) mode................................................. 73
6.2
Device Operations......................................................................... 73
6.3
Process of using general SPI Master device ........................................... 74
7
Electrical Specifications ............................................................................. 79
7.1
Absolute Maximum Ratings .............................................................. 79
7.2
DC Characteristics ........................................................................ 79
7.3
POWER DISSIPATION(Vcc 3.3V Temperature 25°C)................................... 79
7.4
AC Characteristics......................................................................... 80
7.4.1
Reset Timing ......................................................................... 80
7.4.2
Crystal Characteristics ............................................................. 80
7.4.3
SPI Timing ............................................................................ 81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com