Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 38 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 38 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 34Page - WIZnet Co., Ltd W5200 Datasheet HTML 35Page - WIZnet Co., Ltd W5200 Datasheet HTML 36Page - WIZnet Co., Ltd W5200 Datasheet HTML 37Page - WIZnet Co., Ltd W5200 Datasheet HTML 38Page - WIZnet Co., Ltd W5200 Datasheet HTML 39Page - WIZnet Co., Ltd W5200 Datasheet HTML 40Page - WIZnet Co., Ltd W5200 Datasheet HTML 41Page - WIZnet Co., Ltd W5200 Datasheet HTML 42Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
38
Sn_TX_FSR (Socket n TX Free Size Register) [R] [0x4020+0x0n00-0x4021+0x0n00] [0x0800]
It notifies the available size of the internal TX memory (the byte size of transmittable data) of
Socket n . The host can’t write data as a size bigger than Sn_TX_FSR. Therefore, be sure to
check Sn_TX_FSR before transmitting data, and if your data size is smaller than or the same as
Sn_TX_FSR, transmit the data with SEND or SEND_MAC command after copying the data.
At the TCP mode, if the peer checks the transmitted DATA packet (if DATA/ACK packet is
received from the peer), Sn_TX_FSR is automatically increased by the size of that transmitted
DATA packet. At the other modes, when Sn_IR(SENDOK) is ‘1’, Sn_TX_FSR is automatically
increased by the size of the transmitted data.When checking this register, user should read
upper byte(0x4020, 0x4120, 0x4220, 0x4320, 0x4420, 0x4520, 0x4620, 0x4720) first and lower
byte(0x4021, 0x4121, 0x4221, 0x4321, 0x4421, 0x4521, 0x4621, 0x4721) later to get the correct
value.
Ex) In case of 2048(0x0800) in S0_TX_FSR,
0x4020
0x4021
0x08
0x00
Sn_TX_RD (Socket n TX Read Pointer Register) [R] [0x4022+0x0n00-0x4023+0x0n00]
[0x0000]
This register shows the address of the last transmission finishing in the TX memory. With the
SEND command of Socket n Command Register, it transmits data from the current Sn_TX_RD
to the Sn_TX_WR and automatically updates after transmission is finished. Therefore, after
transmission is finished, Sn_TX_RD and Sn_TX_WR will have the same value. When reading this
register, user should read upper byte (0x4022, 0x4122, 0x4222, 0x4322, 0x4422, 0x4522,
0x4622, 0x4722) first, and lower byte (0x4023, 0x4123, 0x4223, 0x4323, 0x4423, 0x4523, 0x4623,
0x4723) later to get the correct value.
Sn_TX_WR (Socket n TX Write Pointer Register) [R/W] [0x4024+0x0n00-0x4025+0x0n00]
[0x0000]
This register offers the location information to write the transmission data. When reading this
register, user should read upper byte (0x4024, 0x4124, 0x4224, 0x4324, 0x4424, 0x4524, 0x4624,
0x4724) first, and lower byte (0x4025, 0x4125, 0x4225, 0x4325, 0x4425, 0x4525, 0x4625, 0x4725)
later to get the correct value.
Caution: This register value is changed after the send command is successfully executed to
Sn_CR.
Ex) In case of 2048(0x0800) in S0_TX_WR,
0x4024
0x4025
0x08
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com