Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 21 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 21 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 17Page - WIZnet Co., Ltd W5200 Datasheet HTML 18Page - WIZnet Co., Ltd W5200 Datasheet HTML 19Page - WIZnet Co., Ltd W5200 Datasheet HTML 20Page - WIZnet Co., Ltd W5200 Datasheet HTML 21Page - WIZnet Co., Ltd W5200 Datasheet HTML 22Page - WIZnet Co., Ltd W5200 Datasheet HTML 23Page - WIZnet Co., Ltd W5200 Datasheet HTML 24Page - WIZnet Co., Ltd W5200 Datasheet HTML 25Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
21
PPPALGO(Authentication Algorithm in PPPoE mode)[R][0x001E][0x00]
This register notifies authentication algorithm in PPPoE mode. For detailed information, please
refer to PPPoE application note.
VERSIONR (W5200 Chip Version Register)[R][0x001F][0x03]
This register is the W5200 chip version register.
PTIMER (PPP Link Control Protocol Request Timer Register) [R/W] [0x0028]
This register indicates the duration for sending LCP Echo Request. Value 1 is about 25ms.
Ex) in case that PTIMER is 200,
200 * 25(ms) = 5000(ms) = 5 seconds
PMAGIC (PPP Link Control Protocol Magic number Register) [R/W] [0x0029][0x00]
This register is used in Magic number option during LCP negotiation. Refer to the application
note, “How to connect ADSL”.
INTLEVEL (Interrupt Low Level Timer Register)[R/W][0x0030 – 0x0031][0x0000]
It sets Interrupt Assert wait time (IAWT). It configures INTn Low Assert waiting time until
the next interrupt.
IAWT = (INTLEVEL + 1) * PLL_CLK1 (when INTLEVEL > 0)
Figure 5 INTLEVEL Timing
a. At SOCKET 0, Receive Timeout Interrupt occurs (S0_IR(3) = ‘1’) and corresponding IR2 bit is
set as ‘1’ (IR(S0_IR) = ‘1’). INTn signal is asserted low.
b. At SOCKET 1, Connected Interrupt occurs (S1_IR(0) = ‘1’) and corresponding IR2 bit set as ‘1’
(IR2(S1_IR) = ‘1’).
c. The Host clears S0_IR(S0_IR = 0x00) and corresponding IR2 bit is automatically cleared
(IR2(S0_IR) = ‘0’). INTn signal becomes High.
1 PLL_CLK is 125MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com