Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W5200 Datasheet(PDF) 18 Page - WIZnet Co., Ltd

Part # W5200
Description  Microcontroller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5200 Datasheet(HTML) 18 Page - WIZnet Co., Ltd

Back Button W5200 Datasheet HTML 14Page - WIZnet Co., Ltd W5200 Datasheet HTML 15Page - WIZnet Co., Ltd W5200 Datasheet HTML 16Page - WIZnet Co., Ltd W5200 Datasheet HTML 17Page - WIZnet Co., Ltd W5200 Datasheet HTML 18Page - WIZnet Co., Ltd W5200 Datasheet HTML 19Page - WIZnet Co., Ltd W5200 Datasheet HTML 20Page - WIZnet Co., Ltd W5200 Datasheet HTML 21Page - WIZnet Co., Ltd W5200 Datasheet HTML 22Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
© Copyright 2013
WIZnet Co.,Ltd. All rights reserved.
18
SUBR (Subnet Mask Register) [R/W] [0x0005 – 0x0008] [0x00]
This register sets up the subnet mask address.
Ex) In case of “255.255.255.0”
0x0005
0x0006
0x0007
0x0008
255 (0xFF)
255 (0xFF)
255 (0xFF)
0 (0x00)
SHAR (Source Hardware Address Register) [R/W] [0x0009 – 0x000E] [0x00]
This register sets up the Source Hardware address.
Ex) In case of “00.08.DC.01.02.03”
0x0009
0x000A
0x000B
0x000C
0x000D
0x000E
0x00
0x08
0xDC
0x01
0x02
0x03
SIPR (Source IP Address Register) [R/W] [0x000F – 0x0012] [0x00]
This register sets up the Source IP address.
Ex) In case of “192.168.0.2”
0x000F
0x0010
0x0011
0x0012
192 (0xC0)
168 (0xA8)
0 (0x00)
2 (0x02)
IR (Interrupt Register) [R] [0x0015] [0x00]
This register is accessed by the host processor to know the cause of interrupt. Any
interruption can be masked in the Interrupt Mask Register (IMR2). The INTn signal retain low
as long as any masked signal is set, and will not go high until all masked bits in this Register
have been cleared.
7
6
5
4
3
2
1
0
CONFLICT
Reserved
PPPoE
Reserved
Reserved
Reserved
Reserved
Reserved
Bit
Symbol
Description
7
CONFLICT
IP Conflict
It is set as ‘1’ when there is ARP request with same IP address
as Source IP address. This bit is cleared to ‘0’ by writing ‘1’ to
this bit.
6
Reserved
Reserved
5
PPPoE
PPPoE Connection Close
In the Point-to-Point Protocol over Ethernet (PPPoE) Mode, if
the PPPoE connection is closed, ‘1’ is set. This bit will be
cleared to ‘0’ by writing ‘1’ to this bit.
4
Reserved
Reserved
3
Reserved
Reserved
2
Reserved
Reserved
1
Reserved
Reserved
0
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com