Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 4 Page - Texas Instruments

  TMUX13 Datasheet HTML 1Page - Texas Instruments TMUX13 Datasheet HTML 2Page - Texas Instruments TMUX13 Datasheet HTML 3Page - Texas Instruments TMUX13 Datasheet HTML 4Page - Texas Instruments TMUX13 Datasheet HTML 5Page - Texas Instruments TMUX13 Datasheet HTML 6Page - Texas Instruments TMUX13 Datasheet HTML 7Page - Texas Instruments TMUX13 Datasheet HTML 8Page - Texas Instruments TMUX13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Pin Functions TMUX1308
PIN
TYPE(1)
DESCRIPTION(2)
NAME
NO.
S4
1
I/O
Source pin 4. Signal path can be an input or output.
S6
2
I/O
Source pin 6. Signal path can be an input or output.
D
3
I/O
Drain pin (common). Signal path can be an input or output.
S7
4
I/O
Source pin 7. Signal path can be an input or output.
S5
5
I/O
Source pin 5. Signal path can be an input or output.
EN
6
I
Active low logic input. When this pin is high, all switches are turned off. When this pin is low, the A[2:0]
address inputs determine which switch is turned on as shown in Table 8-1.
N.C.
7
Not Connected
Not Connected.
GND
8
P
Ground (0 V) reference
A2
9
I
Address line 2. Controls the switch configuration as shown in Table 8-1.
A1
10
I
Address line 1. Controls the switch configuration as shown in Table 8-1.
A0
11
I
Address line 0. Controls the switch configuration as shown in Table 8-1.
S3
12
I/O
Source pin 3. Signal path can be an input or output.
S0
13
I/O
Source pin 0. Signal path can be an input or output.
S1
14
I/O
Source pin 1. Signal path can be an input or output.
S2
15
I/O
Source pin 2. Signal path can be an input or output.
VDD
16
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation,
connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.
Thermal pad
—
Not Connected
Exposed thermal pad. No requirement to solder this pad, if connected it should be left floating or tied to
GND.
(1)
I = input, O = output, I/O = input and output, P = power.
(2)
Refer to Section 8.3.6 for what to do with unused pins.
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com