Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMUX13 Datasheet HTML 10Page - Texas Instruments TMUX13 Datasheet HTML 11Page - Texas Instruments TMUX13 Datasheet HTML 12Page - Texas Instruments TMUX13 Datasheet HTML 13Page - Texas Instruments TMUX13 Datasheet HTML 14Page - Texas Instruments TMUX13 Datasheet HTML 15Page - Texas Instruments TMUX13 Datasheet HTML 16Page - Texas Instruments TMUX13 Datasheet HTML 17Page - Texas Instruments TMUX13 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
Logic Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
100
200
300
400
500
600
700
800
900
1000
1100
D006
D006
VDD = 5.5 V
VDD = 5 V
VDD = 3.3 V
VDD = 1.8 V
Figure 7-5. Supply Current vs Logic Voltage
VS or VD - Source or Drain Voltage (V)
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
D013
D013
CON
CSOFF
CDOFF
VDD = 3.3 V
Figure 7-6. Capacitance vs Source Voltage
Frequency (Hz)
10k
1M
10M
100n
1P
10P
100P
1m
10m
100m
100
1k
100k
D012
D012
VDD = 5.5 V
VDD = 5 V
VDD = 3.3 V
VDD = 1.8 V
TA = 25°C
Figure 7-7. Supply Current vs Input Switching
Frequency
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
10
20
30
40
50
60
70
80
D007
D007
TON(EN)
TOFF(EN)
VDD = 3.3 V
Figure 7-8. TON(EN) and TOFF(EN) vs Temperature
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
10
15
20
25
30
35
40
45
50
D008
D008
Transiton_Falling
Transiton_Rising
TA = 25°C
Figure 7-9. TTRANSITION vs Supply Voltage
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
15
20
25
30
35
40
D009
D009
Transiton_Falling
Transiton_Rising
TA = 25°C
Figure 7-10. TTRANSITION vs Temperature
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com