Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX13 Datasheet HTML 2Page - Texas Instruments TMUX13 Datasheet HTML 3Page - Texas Instruments TMUX13 Datasheet HTML 4Page - Texas Instruments TMUX13 Datasheet HTML 5Page - Texas Instruments TMUX13 Datasheet HTML 6Page - Texas Instruments TMUX13 Datasheet HTML 7Page - Texas Instruments TMUX13 Datasheet HTML 8Page - Texas Instruments TMUX13 Datasheet HTML 9Page - Texas Instruments TMUX13 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
Pin Functions TMUX1309
PIN
TYPE(1)
DESCRIPTION(1)
NAME
NO.
S0B
1
I/O
Source pin 0 of mux B. Can be an input or output.
S2B
2
I/O
Source pin 2 of mux B. Can be an input or output.
DB
3
I/O
Drain pin (Common) of mux B. Can be an input or output.
S3B
4
I/O
Source pin 3 of mux B. Can be an input or output.
S1B
5
I/O
Source pin 1 of mux B. Can be an input or output.
EN
6
I
Active low logic input. When this pin is high, all switches are turned off. When this pin is low, the A[1:0]
address inputs determine which switch is turned on.
N.C.
7
Not Connected
Not Connected.
GND
8
P
Ground (0 V) reference
A1
9
I
Address line 1. Controls the switch configuration as shown in Table 8-2.
A0
10
I
Address line 0. Controls the switch configuration as shown in Table 8-2.
S3A
11
I/O
Source pin 3 of mux A. Can be an input or output.
S0A
12
I/O
Source pin 0 of mux A. Can be an input or output.
DA
13
I/O
Drain pin (Common) of mux A. Can be an input or output.
S1A
14
I/O
Source pin 1 of mux A. Can be an input or output.
S2A
15
I/O
Source pin 3 of mux A. Can be an input or output.
VDD
16
P
Positive power supply. This pin is the most positive power-supply potential. For reliable operation,
connect a decoupling capacitor ranging from 0.1 µF to 10 µF between VDD and GND.
Thermal pad
—
Not Connected
Exposed thermal pad. No requirement to solder this pad, if connected it should be left floating or tied to
GND.
(1)
Refer to Section 8.3.6 for what to do with unused pins.
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com