Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX13 Datasheet(PDF) 9 Page - Texas Instruments

Part # TMUX13
Description  TMUX13xx 5-V, Bidirectional 8:1, 1-Channel and 4:1, 2-Channel Multiplexers with Injection Current Control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX13 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMUX13 Datasheet HTML 5Page - Texas Instruments TMUX13 Datasheet HTML 6Page - Texas Instruments TMUX13 Datasheet HTML 7Page - Texas Instruments TMUX13 Datasheet HTML 8Page - Texas Instruments TMUX13 Datasheet HTML 9Page - Texas Instruments TMUX13 Datasheet HTML 10Page - Texas Instruments TMUX13 Datasheet HTML 11Page - Texas Instruments TMUX13 Datasheet HTML 12Page - Texas Instruments TMUX13 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
7.6 Electrical Characteristics
At specified VDD ±10%
Typical values measured at nominal VDD
PARAMETER
TEST CONDITIONS
VDD
Operating free-air temperature (TA)
UNIT
25°C
–40°C to 85°C
–40°C to 125°C
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
ANALOG SWITCH
RON
On-state
switch
resistance
VS = 0 V to VDD
ISD = 0.5 mA
Refer to On-Resistance
1.8 V
650
1500
1700
1700
Ω
2.5 V
230
600
670
670
3.3 V
120
330
350
370
5 V
75
195
220
270
ΔRON
On-state
switch
resistance
matching
between
inputs
VS = 0 V to VDD
ISD = 0.5 mA
Refer to On-Resistance
1.8 V
10
19
21
22
Ω
2.5 V
3
10
12
16
3.3 V
2
8
11
15
5 V
1
7
10
14
IS(OFF)
Source off-
state leakage
current
Switch Off
VD = 0.8 x VDD/ 0.2 x VDD
VS = 0.2 x VDD/ 0.8 x VDD
Refer to Off-Leakage
1.8 V
±1
–25
25
–800
800
nA
2.5 V
±1
–25
25
–800
800
3.3 V
±1
–25
25
–800
800
5 V
±1
–25
25
–800
800
ID(OFF)
Drain off-state
leakage
current
(common
drain pin)
Switch Off
VD = 0.8 x VDD/ 0.2 x VDD
VS = 0.2 x VDD/ 0.8 x VDD
Refer to Off-Leakage
1.8 V
±1
–45
45
–800
800
nA
2.5 V
±1
–45
45
–800
800
3.3 V
±1
–45
45
–800
800
5 V
±1
–45
45
–800
800
ID(ON)
IS(ON)
Channel on-
state leakage
current
Switch On
VD = VS = 0.8 x VDD or
VD = VS = 0.2 x VDD
Refer to On-Leakage
1.8 V
±1
–45
45
–800
800
nA
2.5 V
±1
–45
45
–800
800
3.3 V
±1
–45
45
–800
800
5 V
±1
–45
45
–800
800
CSOFF
Source off
capacitance
VS = VDD / 2
f = 1 MHz
1.8 V
2
14
14
14
pF
2.5 V
2
14
14
14
3.3 V
2
14
14
14
5 V
2
14
14
14
CDOFF
Drain off
capacitance
VS = VDD / 2
f = 1 MHz
1.8 V
7
37
37
37
pF
2.5 V
7
37
37
37
3.3 V
7
37
37
37
5 V
7
37
37
37
CSON
CDON
On
capacitance
VS = VDD / 2
f = 1 MHz
1.8 V
11
40
40
40
pF
2.5 V
11
40
40
40
3.3 V
11
40
40
40
5 V
11
40
40
40
POWER SUPPLY
IDD
VDD supply
current
Logic inputs = 0 V or VDD
1.8 V
1
1
1.2
µA
2.5 V
1
1
1.5
3.3 V
1
1
2
5 V
1
1.5
3
www.ti.com
TMUX1308, TMUX1309
SCDS426C – MARCH 2020 – REVISED AUGUST 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: TMUX1308 TMUX1309



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com